Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ-B12HMSE-KHV-UC Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LZ-B12HMSE-KHV-UC
Description  POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LZ-B12HMSE-KHV-UC Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button LZ-B12HMSE-KHV-UC Datasheet HTML 2Page - Lite-On Technology Corporation LZ-B12HMSE-KHV-UC Datasheet HTML 3Page - Lite-On Technology Corporation LZ-B12HMSE-KHV-UC Datasheet HTML 4Page - Lite-On Technology Corporation LZ-B12HMSE-KHV-UC Datasheet HTML 5Page - Lite-On Technology Corporation LZ-B12HMSE-KHV-UC Datasheet HTML 6Page - Lite-On Technology Corporation LZ-B12HMSE-KHV-UC Datasheet HTML 7Page - Lite-On Technology Corporation LZ-B12HMSE-KHV-UC Datasheet HTML 8Page - Lite-On Technology Corporation LZ-B12HMSE-KHV-UC Datasheet HTML 9Page - Lite-On Technology Corporation LZ-B12HMSE-KHV-UC Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FTR-K1 SERIES
1. General Information
l
All signal and power relays produced by Fujitsu Components are compliant with RoHS directive 2002/95EC
including amendments.
l
Cadmium as used in electrical contacts is exempted from the RoHS directives on October 21st, 2005.
(Amendment to Directive 2002/95/EC)
l
All of our signal and power relays are lead-free. Please refer to Lead-Free Status Info for older date codes
at: http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf
l
Lead free solder plating on relay terminals is Sn-3.0Ag-0.5Cu, unless otherwise specified.
This material has been verified to be compatible with PbSn assembly process.
2. Recommended Lead Free Solder Profile
l
Recommended solder Sn-3.0Ag-0.5Cu.
RoHS Compliance and Lead Free Information
3. Moisture Sensitivity
l
Moisture Sensitivity Level standard is not applicable to electromechanical relays, unless otherwise indicated.
4. Tin Whiskers
l
Dipped SnAgCu solder is known as presenting a low risk to tin whisker development. No considerable length
whisker was found by our in house test.
We highly recommend that you confirm your actual solder conditions
Flow Solder condition:
Pre-heating:
maximum 120˚C
Soldering:
dip within 5 sec. at
260˚C solder bath
Solder by Soldering Iron:
Soldering Iron
Temperature: maximum 360˚C
Duration:
maximum 3 sec.
JV SERIES
LZ SERIES


Similar Part No. - LZ-B12HMSE-KHV-UC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
LZ-B12HMSE-KHV-UC LITEON-LZ-B12HMSE-KHV-UC Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
More results

Similar Description - LZ-B12HMSE-KHV-UC

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LZ-24H-C LITEON-LZ-24H-C Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
logo
Lite-On Technology Corp...
JY-12H-K LITEON-JY-12H-K Datasheet
368Kb / 8P
   POWER RELAY 1 POLE - 3, 5A Medium Load Control JY Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com