Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603A102BXQAT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 0603A102BXQAT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

0603A102BXQAT Datasheet(HTML) 3 Page - Vishay Siliconix

  0603A102BXQAT Datasheet HTML 1Page - Vishay Siliconix 0603A102BXQAT Datasheet HTML 2Page - Vishay Siliconix 0603A102BXQAT Datasheet HTML 3Page - Vishay Siliconix 0603A102BXQAT Datasheet HTML 4Page - Vishay Siliconix 0603A102BXQAT Datasheet HTML 5Page - Vishay Siliconix 0603A102BXQAT Datasheet HTML 6Page - Vishay Siliconix 0603A102BXQAT Datasheet HTML 7Page - Vishay Siliconix 0603A102BXQAT Datasheet HTML 8Page - Vishay Siliconix 0603A102BXQAT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 06-May-13
3
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) DC voltage rating should not be exceeded in application. Other application factors may affect the MLCC performance.
Consult for questions: mlcc@vishay.com
(2) Process code may be added with up to three digits, used to control non-standard products and/or special requirements
(3) Case size designator may be replaced by four digit drawing number used to control non-standard products and/or special requirements
(4) Selected values for X5R, see “Selection Chart”
(5) Selected values available, contact mlcc@vishay.com for list of released ratings
(6) Termination code “E” is for conductive epoxy assembly
ORDERING INFORMATION
VJ0805 (3)
Y
102
K
X
A
A
T
### (2)
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC
VOLTAGE
RATING (1)
MARKING
PACKAGING PROCESS
CODE
0402
0603
0805
1206
1210
1808
1812
1825
2220
2225
3640
A = C0G
(NP0)
Y = X7R
G = X5R (4)
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier.
Examples:
1R8 = 1.8 pF
102 = 1000 pF
B = ± 0.10 pF
C = ± 0.25 pF
D = ± 0.5 pF
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
Note
C0G (NP0):
B, C, D < 10 pF
F, G, J, K
 10 pF
X7R/X5R:
J, K, M
X = Ni barrier
100 % tin plated
matte finish
F, E = AgPd
B = Polymer
100 % tin plated
matte finish (5)
Q = 10 V
J = 16 V
X = 25 V
A = 50 V
B = 100 V
C = 200 V
P = 250 V
E = 500 V
L = 630 V
G = 1000 V
A =
Unmarked
M = Marked
Note
Marking
is only
available for
0805 and
1206 with
termination
code “X”
C = 7" reel/paper tape
T = 7" reel/plastic tape
P = 11 1/4"/13" reel/
paper tape
R = 11 1/4"/13" reel/
plastic tape
O = 7" reel/
flamed paper tape
I = 11 1/4"/13"reel/
flamed paper tape
Note
“I” and “O” are used for
“F”, “E” termination
size 0402/0603/0805
ENVIRONMENTAL STATUS
TERMINATION CODE
TERMINATION DESCRIPTION
RoHS COMPLIANT
VISHAY GREEN
X
Ni barrier 100 % tin plated matte finish
Yes
Yes
EAgPd
Yes
Yes
B
Polymer layer, 100 % tin plated matte finish
Yes
No
FAgPd
Yes
No


Similar Part No. - 0603A102BXQAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
0603A102BXQCW1MC VISHAY-0603A102BXQCW1MC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results

Similar Description - 0603A102BXQAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
01-Jan-2023
VJ0603Y104KXX VISHAY-VJ0603Y104KXX Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y103JXAMC VISHAY-VJ1206Y103JXAMC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ0805Y102KXBMT VISHAY-VJ0805Y102KXBMT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206A102GXBAT VISHAY-VJ1206A102GXBAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0805A150JXAMT VISHAY-VJ0805A150JXAMT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com