Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP010505DBP-U Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DCP010505DBP-U
Description  Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCP010505DBP-U Datasheet(HTML) 7 Page - Texas Instruments

Back Button DCP010505DBP-U Datasheet HTML 3Page - Texas Instruments DCP010505DBP-U Datasheet HTML 4Page - Texas Instruments DCP010505DBP-U Datasheet HTML 5Page - Texas Instruments DCP010505DBP-U Datasheet HTML 6Page - Texas Instruments DCP010505DBP-U Datasheet HTML 7Page - Texas Instruments DCP010505DBP-U Datasheet HTML 8Page - Texas Instruments DCP010505DBP-U Datasheet HTML 9Page - Texas Instruments DCP010505DBP-U Datasheet HTML 10Page - Texas Instruments DCP010505DBP-U Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DCP01B SERIES
SBVS012E − DECEMBER 2000 − REVISED DECEMBER 2007
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, unless otherwise noted.
DCP010515B V
OUT vs LOAD
Load (%)
18.0
17.5
17.0
16.5
16.0
15.5
15.0
14.5
14.0
100
10
20
30
40
50
60
70
80
90
DCP010515B EFFICIENCY vs LOAD
Load (%)
85
80
75
70
65
60
55
50
100
10
20
30
40
50
60
70
80
90
DCP010515DB V
OUT vs LOAD
Load (%)
18
17
16
15
14
20
30
50
70
60
80
90
100
40
10
+V
OUT
−V
OUT
DCP010515DB EFFICIENCY vs LOAD
Load (%)
90
85
80
75
70
65
60
55
50
20
30
50
70
60
80
90
100
40
10
DCP012405B V
OUT vs LOAD
Load (%)
5.60
5.50
5.40
5.30
5.20
5.10
5.00
4.90
4.80
20
30
60
50
70
80
100
40
10
DCP012405B EFFICIENCY vs LOAD
Load (%)
90
80
70
60
50
40
30
20
10
0
20
30
70
60
80
90
100
40
50
10


Similar Part No. - DCP010505DBP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP010505DBP-U BURR-BROWN-DCP010505DBP-U Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505DBP-U BURR-BROWN-DCP010505DBP-U Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010505DBP-U TI-DCP010505DBP-U Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505DBP-U TI1-DCP010505DBP-U Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
DCP010505DBP-U TI1-DCP010505DBP-U Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
More results

Similar Description - DCP010505DBP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com