Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8162SDGSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8162SDGSR
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM3-MM SON
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8162SDGSR Datasheet(HTML) 4 Page - Texas Instruments

  DAC8162SDGSR Datasheet HTML 1Page - Texas Instruments DAC8162SDGSR Datasheet HTML 2Page - Texas Instruments DAC8162SDGSR Datasheet HTML 3Page - Texas Instruments DAC8162SDGSR Datasheet HTML 4Page - Texas Instruments DAC8162SDGSR Datasheet HTML 5Page - Texas Instruments DAC8162SDGSR Datasheet HTML 6Page - Texas Instruments DAC8162SDGSR Datasheet HTML 7Page - Texas Instruments DAC8162SDGSR Datasheet HTML 8Page - Texas Instruments DAC8162SDGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
SLAS719D – AUGUST 2010 – REVISED AUGUST 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
At AVDD = 2.7 V to 5.5 V and TA = –40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
16
Bits
DAC856x
Relative accuracy
Using line passing through codes 512 and 65,024
±4
±12
LSB
Differential nonlinearity
16-bit monotonic
±0.2
±1
LSB
Resolution
14
Bits
DAC816x
Relative accuracy
Using line passing through codes 128 and 16,256
±1
±3
LSB
Differential nonlinearity
14-bit monotonic
±0.1
±0.5
LSB
Resolution
12
Bits
DAC756x
Relative accuracy
Using line passing through codes 32 and 4,064
±0.3
±0.75
LSB
Differential nonlinearity
12-bit monotonic
±0.05
±0.25
LSB
Offset error
Extrapolated from two-point line(1), unloaded
±1
±4
mV
Offset error drift
±2
µV/°C
Full-scale error
DAC register loaded with all 1s
±0.03
±0.2
% FSR
Zero-code error
DAC register loaded with all 0s
1
4
mV
Zero-code error drift
±2
µV/°C
Gain error
Extrapolated from two-point line(1), unloaded
±0.01
±0.15
% FSR
ppm
Gain temperature coefficient
±1
FSR/°C
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
AVDD
V
DACs unloaded
7
Output voltage settling time(3)
µs
RL = 1 MΩ
10
Slew rate
Measured between 20% - 80% of a full-scale transition
0.75
V/µs
RL = ∞
1
Capacitive load stability
nF
RL = 2 kΩ
3
Code-change glitch impulse
1-LSB change around major carry
0.1
nV-s
Digital feedthrough
SCLK toggling, SYNC high
0.1
nV-s
Power-on glitch impulse
RL = 2 kΩ, CL = 470 pF, AVDD = 5.5 V
40
mV
Full-scale swing on adjacent channel,
5
External reference
Channel-to-channel dc crosstalk
µV
Full-scale swing on adjacent channel,
15
Internal reference
DC output impedance
At mid-scale input
5
Ω
DAC outputs at full-scale, DAC outputs shorted to
Short-circuit current
40
mA
GND
Power-up time, including settling time
Coming out of power-down mode
50
µs
AC PERFORMANCE(2)
DAC output noise density
TA = 25°C, at mid-scale input, fOUT = 1 kHz
90
nV/
√Hz
DAC output noise
TA = 25°C, at mid-scale input, 0.1 Hz to 10 Hz
2.6
µVPP
LOGIC INPUTS(2)
Input pin Leakage current
–1
±0.1
1
µA
Logic input LOW voltage VINL
0
0.8
V
0.7 ×
Logic input HIGH voltage VINH
AVDD
V
AVDD
Pin capacitance
3
pF
(1)
16-bit: codes 512 and 65,024; 14-bit: codes 128 and 16,256; 12-bit: codes 32 and 4,064
(2)
Specified by design or characterization
(3)
Transition time between 1/4 scale and 3/4 scale including settling to within ±0.024% FSR
4
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563


Similar Part No. - DAC8162SDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8162SDGSR TI1-DAC8162SDGSR Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC8162SDGSR TI1-DAC8162SDGSR Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
More results

Similar Description - DAC8162SDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8562 TI-DAC8562_13 Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8562 TI1-DAC8562 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7568 TI-DAC7568_13 Datasheet
1Mb / 65P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultralow Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC8551-Q1 TI1-DAC8551-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com