Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7563SDGST Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7563SDGST
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM3-MM SON
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7563SDGST Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC7563SDGST Datasheet HTML 2Page - Texas Instruments DAC7563SDGST Datasheet HTML 3Page - Texas Instruments DAC7563SDGST Datasheet HTML 4Page - Texas Instruments DAC7563SDGST Datasheet HTML 5Page - Texas Instruments DAC7563SDGST Datasheet HTML 6Page - Texas Instruments DAC7563SDGST Datasheet HTML 7Page - Texas Instruments DAC7563SDGST Datasheet HTML 8Page - Texas Instruments DAC7563SDGST Datasheet HTML 9Page - Texas Instruments DAC7563SDGST Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
V
A
OUT
V
B
OUT
GND
LDAC
CLR
1
2
3
4
5
6
7
8
9
10
SYNC
SYNC
SCLK
SCLK
D
IN
D
IN
AV
DD
AV
DD
V
/V
REFIN
REFOUT
V
/V
REFIN
REFOUT
1
2
3
4
5
6
7
8
9
10
V
A
OUT
V
B
OUT
GND
LDAC
CLR
DGS
(Top View)
DSC
(Top View)
MSOP Package
SON Package
Thermal Pad
(1)
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
SLAS719D – AUGUST 2010 – REVISED AUGUST 2012
www.ti.com
PIN CONFIGURATIONS
(1)
It is recommended to connect the thermal pad to the ground plane for better thermal dissipation.
Table 2. PIN DESCRIPTIONS
PIN
DESCRIPTION
NAME
NO.
AVDD
9
Power-supply input, 2.7 V to 5.5 V
Asynchronous clear input. The CLR input is falling-edge sensitive. When CLR is activated, zero scale
(DACxx62) or mid-scale (DACxx63) is loaded to all input and DAC registers. This sets the DAC output
CLR
5
voltages accordingly. The part exits clear code mode on the 24th falling edge of the next write to the part. If
CLR is activated during a write sequence, the write is aborted.
Serial data input. Data are clocked into the 24-bit input shift register on each falling edge of the serial clock
DIN
8
input. Schmitt-trigger logic input
GND
3
Ground reference point for all circuitry on the device
In synchronous mode, data are updated with the falling edge of the 24th SCLK cycle, which follows a falling
edge of SYNC. For such synchronous updates, the LDAC pin is not required, and it must be connected to
GND permanently or asserted and held low before sending commands to the device.
LDAC
4
In asynchronous mode, the LDAC pin is used as a negative edge-triggered timing signal for simultaneous
DAC updates. Multiple single-channel commands can be written in order to set different channel buffers to
desired values and then make a falling edge on LDAC pin to simultaneously update the DAC output
registers.
SCLK
7
Serial clock input. Data can be transferred at rates up to 50 MHz. Schmitt-trigger logic input
Level-triggered control input (active-low). This input is the frame synchronization signal for the input data.
When SYNC goes low, it enables the input shift register, and data are sampled on subsequent falling clock
SYNC
6
edges. The DAC output updates following the 24th clock falling edge. If SYNC is taken high before the 23rd
clock edge, the rising edge of SYNC acts as an interrupt, and the write sequence is ignored by the
DAC756x/DAC816x/DAC856x. Schmitt-trigger logic input
VOUTA
1
Analog output voltage from DAC-A
VOUTB
2
Analog output voltage from DAC-B
VREFIN / VREFOUT
10
Bidirectional voltage reference pin. If internal reference is used, 2.5-V output.
6
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563


Similar Part No. - DAC7563SDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7563SDGST TI1-DAC7563SDGST Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7563SDGST TI1-DAC7563SDGST Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
More results

Similar Description - DAC7563SDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8562 TI-DAC8562_13 Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8562 TI1-DAC8562 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7568 TI-DAC7568_13 Datasheet
1Mb / 65P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultralow Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC8551-Q1 TI1-DAC8551-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com