Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP20N60B3 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # HGTP20N60B3
Description  40A, 600V, UFS Series N-Channel IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTP20N60B3 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  HGTP20N60B3 Datasheet HTML 1Page - Fairchild Semiconductor HGTP20N60B3 Datasheet HTML 2Page - Fairchild Semiconductor HGTP20N60B3 Datasheet HTML 3Page - Fairchild Semiconductor HGTP20N60B3 Datasheet HTML 4Page - Fairchild Semiconductor HGTP20N60B3 Datasheet HTML 5Page - Fairchild Semiconductor HGTP20N60B3 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Handling Precautions for IGBTs
Insulated Gate Bipolar Transistors are susceptible to
gate-insulation damage by the electrostatic discharge of
energy through the devices. When handling these devices,
care should be exercised to assure that the static charge
built in the handler’s body capacitance is not discharged
through the device. With proper handling and application
procedures, however, IGBTs are currently being extensively
used in production by numerous equipment manufacturers in
military, industrial and consumer applications, with virtually
no damage problems due to electrostatic discharge. IGBTs
can be handled safely if the following basic precautions
are taken:
1. Prior to assembly into a circuit, all leads should be kept
shorted together either by the use of metal shorting
springs or by the insertion into conductive material such
as “ECCOSORBD
 LD26” or equivalent.
2. When devices are removed by hand from their carriers,
the hand being used should be grounded by any suitable
means - for example, with a metallic wristband.
3. Tips of soldering irons should be grounded.
4. Devices should never be inserted into or removed from
circuits with power on.
5. Gate Voltage Rating - Never exceed the gate-voltage
rating of VGEM. Exceeding the rated VGE can result in
permanent damage to the oxide layer in the gate region.
6. Gate Termination - The gates of these devices are
essentially capacitors. Circuits that leave the gate open-
circuited or floating should be avoided. These conditions
can result in turn-on of the device due to voltage buildup
on the input capacitor due to leakage currents or pickup.
7. Gate Protection - These devices do not have an internal
monolithic zener diode from gate to emitter. If gate
protection is required an external zener is recommended.
Operating Frequency Information
Operating frequency information for a typical device
(Figure 13) is presented as a guide for estimating device
performance for a specific application. Other typical
frequency vs collector current (ICE) plots are possible using
the information shown for a typical unit in Figures 4, 7, 8, 11
and 12. The operating frequency plot (Figure 13) of a typical
device shows fMAX1 or fMAX2 whichever is smaller at each
point. The information is based on measurements of a typical
device and is bounded by the maximum rated junction
temperature.
fMAX1 is defined by fMAX1 = 0.05/(td(OFF)I + td(ON)I).
Deadtime (the denominator) has been arbitrarily held to 10%
of the on- state time for a 50% duty factor. Other definitions
are possible. td(OFF)I and td(ON)I are defined in Figure 17.
Device turn-off delay can establish an additional frequency
limiting condition for an application other than TJM. td(OFF)I
is important when controlling output ripple under a lightly
loaded condition.
fMAX2 is defined by fMAX2 = (PD - PC)/(EOFF + EON). The
allowable dissipation (PD) is defined by PD =(TJM -TC)/RθJC.
The sum of device switching and conduction losses must
not exceed PD. A 50% duty factor was used (Figure 13)
and the conduction losses (PC) are approximated by
PC =(VCE xICE)/2.
EON and EOFF are defined in the switching waveforms
shown in Figure 17. EON is the integral of the instantaneous
power loss (ICE x VCE) during turn-on and EOFF is the
integral of the instantaneous power loss (ICE x VCE) during
turn-off. All tail losses are included in the calculation for
EOFF; i.e., the collector current equals zero (ICE = 0).
HGT1S20N60B3S, HGTP20N60B3, HGTG20N60B3
ECCOSORBD™ is a trademark of Emerson and Cumming, Inc.


Similar Part No. - HGTP20N60B3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP20N60B3 INTERSIL-HGTP20N60B3 Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
January 2000
More results

Similar Description - HGTP20N60B3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT1S20N60B3S INTERSIL-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTG20N60B3 FAIRCHILD-HGTG20N60B3 Datasheet
223Kb / 7P
   40A, 600V, UFS Series N-Channel IGBTs
HGTG20N60C3R FAIRCHILD-HGTG20N60C3R Datasheet
107Kb / 6P
   40A, 600V, Rugged UFS Series N-Channel IGBTs
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
   6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGTG12N60B3 FAIRCHILD-HGTG12N60B3 Datasheet
247Kb / 8P
   27A, 600V, UFS Series N-Channel IGBTs
HGTP12N60C3 FAIRCHILD-HGTP12N60C3 Datasheet
131Kb / 7P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD7N60C3S INTERSIL-HGTD7N60C3S Datasheet
144Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
HGTP12N60B3 INTERSIL-HGTP12N60B3 Datasheet
112Kb / 7P
   27A, 600V, UFS Series N-Channel IGBTs
January 2000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com