Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG35.0L Datasheet(PDF) 3 Page - Littelfuse

Part # CG35.0L
Description  Gas Discharge Tube (GDT) Products AC and CG3 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG35.0L Datasheet(HTML) 3 Page - Littelfuse

  CG35.0L Datasheet HTML 1Page - Littelfuse CG35.0L Datasheet HTML 2Page - Littelfuse CG35.0L Datasheet HTML 3Page - Littelfuse CG35.0L Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
©2010 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
15
Revised: January 21, 2011
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
AC and CG3 Series
AC and CG3 Series
Reflow Condition
Pb–Freeassembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (Min to Max) (t
s)
60–180secs
Average ramp up rate (LiquidusTemp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60–150seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
10–30seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
8minutesMax.
Do not exceed
260°C
Soldering Parameters - Reflow Soldering (Surface Mount Devices)
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Soldering Parameters - Wave Soldering (Thru-Hole Devices)
Soldering Parameters - Hand Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(DependsonFluxActivationTemperature)
(TypicalIndustryRecommendation)
TemperatureMinimum:
100
° C
TemperatureMaximum:
150
° C
PreheatTime:
60-180 seconds
Solder PotTemperature:
280
° CMaximum
Solder DwellTime:
2-5 seconds
Recommended Process Parameters:
SolderIronTemperature:350°C+/-5°C
HeatingTime:5secondsmax.


Similar Part No. - CG35.0L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG35.0L LITTELFUSE-CG35.0L Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG35.0L LITTELFUSE-CG35.0L Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG35.0LTR LITTELFUSE-CG35.0LTR Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG35.0LTR LITTELFUSE-CG35.0LTR Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
More results

Similar Description - CG35.0L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AC240L LITTELFUSE-AC240L Datasheet
1Mb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG33.0 LITTELFUSE-CG33.0 Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG32.5L LITTELFUSE-CG32.5L Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com