Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1N40N60A4 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HGT1N40N60A4
Description  600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGT1N40N60A4 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HGT1N40N60A4 Datasheet HTML 1Page - Fairchild Semiconductor HGT1N40N60A4 Datasheet HTML 2Page - Fairchild Semiconductor HGT1N40N60A4 Datasheet HTML 3Page - Fairchild Semiconductor HGT1N40N60A4 Datasheet HTML 4Page - Fairchild Semiconductor HGT1N40N60A4 Datasheet HTML 5Page - Fairchild Semiconductor HGT1N40N60A4 Datasheet HTML 6Page - Fairchild Semiconductor HGT1N40N60A4 Datasheet HTML 7Page - Fairchild Semiconductor HGT1N40N60A4 Datasheet HTML 8Page - Fairchild Semiconductor HGT1N40N60A4 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HGT1N40N60A4D Rev. B
HGT1N40N60A4D
600V, SMPS Series N-Channel IGBT with
Anti-Parallel Hyperfast Diode
The HGT1N40N60A4D is a MOS gated high voltage
switching device combining the best features of a MOSFET
and a bipolar transistor. These devices have the high input
impedance of a MOSFET and the low on-state conduction
loss of a bipolar transistor. The much lower on-state voltage
drop varies only moderately between 25oC and 150oC. This
IGBT is ideal for many high voltage switching applications
operating at high frequencies where low conduction losses
are essential. This device has been optimized for high
frequency switch mode power supplies.
Formerly Developmental Type TA49349.
Features
• 100kHz Operation At 390V, 22A
• 600V Switching SOA Capability
• Typical Fall Time . . . . . . . . . . . . . . . . . 55ns at TJ = 125
oC
• Low Conduction Loss
Symbol
Packaging
JEDEC STYLE SOT-227B
Ordering Information
PART NUMBER
PACKAGE
BRAND
HGT1N40N60A4D
SOT-227
40N60A4D
NOTE: When ordering, use the entire part number.
C
E
G
GATE
COLLECTOR
EMITTER
EMITTER
TAB
(ISOLATED)
Fairchild CORPORATION IGBT PRODUCT IS COVERED BY ONE OR MORE OF THE FOLLOWING U.S. PATENTS
4,364,073
4,417,385
4,430,792
4,443,931
4,466,176
4,516,143
4,532,534
4,587,713
4,598,461
4,605,948
4,620,211
4,631,564
4,639,754
4,639,762
4,641,162
4,644,637
4,682,195
4,684,413
4,694,313
4,717,679
4,743,952
4,783,690
4,794,432
4,801,986
4,803,533
4,809,045
4,809,047
4,810,665
4,823,176
4,837,606
4,860,080
4,883,767
4,888,627
4,890,143
4,901,127
4,904,609
4,933,740
4,963,951
4,969,027
Data Sheet
December 2001


Similar Part No. - HGT1N40N60A4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

Similar Description - HGT1N40N60A4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGTG30N60A4D INTERSIL-HGTG30N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com