Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS6NC52A271Q55B Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # DSS6NC52A271Q55B
Description  Leaded EMIFIL (Three-terminal Capacitor type) Small Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DSS6NC52A271Q55B Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  DSS6NC52A271Q55B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DSS6NC52A271Q55B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DSS6NC52A271Q55B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DSS6NC52A271Q55B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DSS6NC52A271Q55B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
5
Noise Suppression Products/EMI Suppression Filters > Leaded EMIFIL
r (Three-terminal Capacitor type) > Small Type
2013.5.9
oThis data sheet is applied for Lead EMIFILr Capacitor Type used for General Electronics equipment for your design.
Continued from the preceding page.
o Storage and Operating Conditions
o Soldering and Mounting
<Operating Environment>
1. Do not use products in a chemical atmosphere such
as chlorine gas, acid or sulfide gas.
2. Do not use products near water, oil or organic
solvents. Avoid environments where dust or dirt may
adhere to the product.
<Storage and Handling Requirements>
1. Storage Period
Use the products within 12 months after delivery.
Solderability should be checked if this period is
exceeded.
2. Storage Conditions
(1) Storage temperature: -10 to 40 degrees C
Relative humidity: 15 to 85%
Avoid sudden changes in temperature and humidity.
(2) Do not store products in a chemical atmosphere
such as chlorine gas, acid or sulfide gas.
(3) When restoring taping type (BL01RN1A1F1J),
please attach the spacer between the flanges of the
reel. The spacer is corrugated paper that is attached
when shipping.
1. Washing
Failure and degradation of a product are caused
by the washing method. When you wash in conditions
that are not in the mounting information, please contact
Murata engineering.
2. Soldering
Reliability decreases with improper soldering
methods. Please solder by the standard soldering
conditions shown in the mounting information.
3. Other
Noise suppression levels resulting from Murata's
EMI suppression filters EMIFIL
r may vary, depending
on the circuits and ICs used, type of noise, mounting
pattern, lead wire length, mounting location, and other
operating conditions. Be sure to check and confirm in
advance the noise suppression effect of each filter, in
actual circuits, etc. before applying the filter in a
commercial-purpose equipment design.
1. Terminal (with mark) should be properly connected to
the line of incoming electrostatic surge. (There is
polarity.) Otherwise, no effect in ESD suppression can
be expected (VFR3V).
2. Products should be used at rated voltage or less and
rated current or less.
3. Products should not be applied for the absorption of
surges that have large energy (e.g., induced lightning
surges, switching surges) because it is designed for the
absorption of electrostatic surges (VFR3V).
4. Electrostatic testing should be done on the following
conditions (VFR3V).
<Using EMIGUARD
r effectively>
2 ]2 < 8.0 x105
n: Times applied
C: Charging Capacitance (pF)
V: Testing Voltage (kV)
R: Charging Resistance (
Ω)
Incoming
Electrostatic Surges
Incoming
Electrostatic Surges
Example of input terminal
Example of output terminal
Notice


Similar Part No. - DSS6NC52A271Q55B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DSS6NC52A271Q55B MURATA1-DSS6NC52A271Q55B Datasheet
295Kb / 3P
   DS_6 is a compact, high performance lead type EMI suppression filter which can be mounted 2.54mm pitch.
08/17/2022
More results

Similar Description - DSS6NC52A271Q55B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DSS6NC52A102Q93A MURATA-DSS6NC52A102Q93A Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NC52A221T51B MURATA-DSS6NC52A221T51B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS9NT31H223Q55B MURATA-DSS9NT31H223Q55B Datasheet
129Kb / 4P
   Leaded EMIFIL (Three-terminal Capacitor type) Standard Type
DSN6NC51H222Q55B MURATA-DSN6NC51H222Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type
DSS6NC52A471Q55B MURATA-DSS6NC52A471Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type DSN6/DSS6 Series
DSN9NC51H223Q54B MURATA-DSN9NC51H223Q54B Datasheet
129Kb / 4P
   Leaded EMIFILr (Three-terminal Capacitor type) Standard Type DSN9N/DST9N Series
58251 MURATA-58251 Datasheet
44Kb / 2P
   Chip EMIFIL Capacitor Type
NFA31CC222R1E4D MURATA-NFA31CC222R1E4D Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Array
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com