Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NATT471M35V16X17JLSF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NATT471M35V16X17JLSF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NATT471M35V16X17JLSF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NATT471M35V16X17JLSF Datasheet HTML 1Page - NIC-Components Corp. NATT471M35V16X17JLSF Datasheet HTML 2Page - NIC-Components Corp. NATT471M35V16X17JLSF Datasheet HTML 3Page - NIC-Components Corp. NATT471M35V16X17JLSF Datasheet HTML 4Page - NIC-Components Corp. NATT471M35V16X17JLSF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Diameter
Time above
200°C
Time above
217°C
Time above
230°C
Peak Temperature
5 seconds
6.3mm ~ 8mm
φ 80 sec. max. 70 sec. max.
40 sec. max.
260°C
10mm
φ
70 sec. max. 60 sec. max.
40 sec. max.
250°C
12.5mm
φ
60 sec. max. 50 sec. max.
30 sec. max.
245°C
16mm
φ
50 sec. max. 40 sec. max.
20 sec. max.
240°C
PEAK REFLOW TEMPERATURE & DURATION (6.3 ~ 50V)
PEAK REFLOW TEMPERATURE & DURATION (100V)
Diameter
Time above
200°C
Time above
217°C
Time above
230°C
Peak Temperature
5 seconds
8mm
φ
60 sec. max. 50 sec. max.
30 sec. max.
240°C
10mm
φ
50 sec. max. 40 sec. max.
20 sec. max.
240°C
12.5mm
φ
50 sec. max. 40 sec. max.
20 sec. max.
235°C
16mm
φ
45 sec. max. 30 sec. max.
10 sec. max.
235°C
Case Size
a
b
c
6x3x6.3
6.3x8
2.1
3.5
1.8
8x10.5
2.8
4.1
2.1
10x10.5
4.3
4.4
2.5
12.5x14
4.3
5.8
2.5
16x17
6.6
6.5
5.0
a
c
b
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL
PEAK REFLOW TEMPERATURE & DURATION (63V)
Diameter
Time above
200°C
Time above
217°C
Time above
230°C
Peak Temperature
5 seconds
8mm
φ
60 sec. max. 50 sec. max.
30 sec. max.
245°C
10mm
φ
50 sec. max. 40 sec. max.
20 sec. max
240°C
12.5mm
φ
50 sec. max. 40 sec. max.
20 sec. max.
240°C
16mm
φ
50 sec. max. 40 sec. max.
15 sec. max.
235°C
Surface Mount Aluminum Electrolytic Capacitors
NATT Series
C
W
P
A
R
R
T
B
Case Size
D
φ ±0.5 L max.
A, B
C ±0.2 P ±0.2
W
R
T
8 x 10.5WT
8.0
10.5
8.3 ± 0.2
9.0
3.2
0.7 ~ 1.0 (0.7) (1.3)
10 x 10.5WT
10.0
10.8
10.3 ± 0.2
11.0
4.6
1.0 ~ 1.4 (0.7) (1.3)
12.5 x 14WT
12.5
14.3
13.5 ± 0.2
14.2
4.6
1.0 ~ 1.4 (2.2) (2.4)
16 x 17WT
16.0
17.5
17.0 ± 0.2
18.0
7.0
1.8 ~ 2.1 (3.0) (2.0)
WIDE TERMINATION (WT) DIM. (mm)
Case Size
a
b
c
8x10.5
2.5
4.5
4.7
10x10.5
3.8
4.8
4.7
12.5x14
3.8
6.1
6.9
16x17
5.0
8.0
9.5
WT LAND PATTERN DIM. (mm)
a
c
b
Termination deflection:
WT = 0.15mm max. from
bottom of support terminals
D
φ
L
WT
Anti-Vibration
Skirt
Capacitors can withstand two times reflow at the above conditions.
Second reflow shall be at least one hour after natural cool to room
temperature.
Time Above
200°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(150°C ~ 180°C)
Peak Temperature
(see table)
230
Time Above 230°C
(see table)
Time Above
217°C
(see table)


Similar Part No. - NATT471M35V16X17JLSF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NATT471M35V16X17JLSF NIC-NATT471M35V16X17JLSF Datasheet
187Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NATT471M35V16X17JLSF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com