Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEHR33A102KB2B Datasheet(PDF) 61 Page - Murata Manufacturing Co., Ltd.

Part # DEHR33A102KB2B
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DEHR33A102KB2B Datasheet(HTML) 61 Page - Murata Manufacturing Co., Ltd.

Back Button DEHR33A102KB2B Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. DEHR33A102KB2B Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. DEHR33A102KB2B Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. DEHR33A102KB2B Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. DEHR33A102KB2B Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. DEHR33A102KB2B Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. DEHR33A102KB2B Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. DEHR33A102KB2B Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. DEHR33A102KB2B Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 83 page
background image
C85E.pdf
Jul.13,2011
Taping
Bulk
Polyethylene Bag
Ammo Pack
s Minimum Quantity (Order in Sets Only)
s Packaging Styles
Continued from the preceding page.
*1 Lead Spacing F=5.0mm (Code: A2): 500pcs.
*2 Rated Voltage DC500V (Code: 2H): 250pcs.
*3 Rated Voltage DC500V (Code: 2H): 500pcs.
DES Series
DEH Series
DEA Series
DEB Series
DEC Series
DEF Series
4.5 to 6
7
8 to 11
12
13, 14
15 to 18
19 to 21
7 to 9
10, 11
12 to 15
Body Dia. D
(mm)
500
250 *1
250
200 *2
200
100
50
250
100
100
Lead Code
Ap, Cp
500
500
500
250 *3
250
200
100
500
Lead Code
Bp, Dp, Jp
Long
Short
[Bulk]
(pcs./Bag)
*4 Rated Voltage DC1kV (Code: 3A): 1,000pcs.
DES Series
DEH Series
DEA Series
DEB Series
DEF Series
1,500
1,500
1,500
1,500
1,000
900 *4
900 *4
900 *4
900
Lead Code
N2, P2
N3, P3
N7
500
500
500
500
[Taping]
(pcs./Ammo Pack)
High Voltage Ceramic Capacitors Packaging
59
11
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Similar Part No. - DEHR33A102KB2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
More results

Similar Description - DEHR33A102KB2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com