Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSA220M35V5x11F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRSA220M35V5x11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSA220M35V5x11F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRSA220M35V5x11F Datasheet HTML 1Page - NIC-Components Corp. NRSA220M35V5x11F Datasheet HTML 2Page - NIC-Components Corp. NRSA220M35V5x11F Datasheet HTML 3Page - NIC-Components Corp. NRSA220M35V5x11F Datasheet HTML 4Page - NIC-Components Corp. NRSA220M35V5x11F Datasheet HTML 5Page - NIC-Components Corp. NRSA220M35V5x11F Datasheet HTML 6Page - NIC-Components Corp. NRSA220M35V5x11F Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
125
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Frequency (Hz)
50
120
300
1K
10K
~ 47
μF
0.75 1.00 1.35 1.57 2.00
100 ~ 470
μF
0.80 1.00 1.23 1.34 1.50
1,000
μF ~
0.85 1.00 1.10 1.13 1.15
2,200 ~ 10,000
μF
0.85 1.00 1.03 1.05 1.08
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Part Number
Cap.
(
μF)
W.V.
(Vdc))
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+85°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@ +85°C
NRSAR47M100V5x11F
0.47
100
0.10
11
283
2,000
NRSA1R0M100V5x11F
1.0
0.10
15
133
2,000
NRSA2R2M100V5x11F
2.2
0.10
25
60.4
2,000
NRSA3R3M100V5x11F
3.3
0.10
35
40.3
2,000
NRSA4R7M100V5x11F
4.7
0.10
45
28.3
2,000
NRSA100M100V6.3x11F
10
0.10
70
13.3
2,000
NRSA220M100V8x11.5F
22
0.10
120
6.04
2,000
NRSA330M100V10x12.5F
33
0.10
170
4.03
2,000
NRSA470M100V10x16F
47
0.10
230
2.83
2,000
NRSA101M100V12.5x20F
100
0.10
370
1.33
2,000
NRSA151M100V12.5x20F
150
0.10
490
0.710
2,000
NRSA221M100V16x25F
220
0.10
600
0.604
2,000
NRSA331M100V16x25F
330
0.10
700
0.403
2,000
NRSA471M100V16x31.5F
470
0.10
930
0.283
2,000
Miniature Aluminum Electrolytic Capacitors
NRSA Series
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)
PART NUMBERING SYSTEM
Size (D
∅ x L)
Tape and Box*
Series
Capacitance Code
Tolerance Code
Rated Voltage
RoHS Compliant
NRSA 470 M 35V 6.3X11 TB F
*see taping specifications for details


Similar Part No. - NRSA220M35V5x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSA220M35V5X11TRF NIC-NRSA220M35V5X11TRF Datasheet
168Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSA220M35V5x11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com