Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIN-ND1R0xTRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NIN-ND1R0xTRF
Description  Molded Chip Wirewound Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-ND1R0xTRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NIN-ND1R0xTRF Datasheet HTML 1Page - NIC-Components Corp. NIN-ND1R0xTRF Datasheet HTML 2Page - NIC-Components Corp. NIN-ND1R0xTRF Datasheet HTML 3Page - NIC-Components Corp. NIN-ND1R0xTRF Datasheet HTML 4Page - NIC-Components Corp. NIN-ND1R0xTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-ND1R0xTRF Datasheet HTML 6Page - NIC-Components Corp. NIN-ND1R0xTRF Datasheet HTML 7Page - NIC-Components Corp. NIN-ND1R0xTRF Datasheet HTML 8Page - NIC-Components Corp. NIN-ND1R0xTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
• EIA SIZES A (1210), B (1812), C (1008) AND D (0805)
• EXCELLENT HIGH Q AND HIGH SRF CHARACTERISTICS
• BOTH FLOW AND REFLOW SOLDERING APPLICABLE
• HIGH INDUCTANCE AVAILABLE IN SMALL SIZE
• EMBOSSED PLASTIC TAPE PACKAGE FOR AUTOMATIC PICK-PLACE
Molded Chip Wirewound Inductors
NIN Series
AVAILABLE TYPE AND RANGE
SPECIFICATIONS
ENVIRONMENTAL CHARACTERISTICS
FEATURES
EIA Size
Size Code
Size (L x W x H mm)
NIC Type
Inductance
Range
Style
0805
D
2.0 x 1.25 x 1.25
NIN-ND
10nH ~ 1.0
μH
Standard
1008
C
2.5 x 2.0 x 1.6
NIN-FC
0.22 ~ 100
μH
Standard
NIN-NC
10nH ~ 0.82
μH
High Frequency
NIN-PC
1.0 ~ 33
μH
High Curret
1210
A
3.2 x 2.5 x 2.2
NIN-FA
0.22 ~ 220
μH
Standard
NIN-NA
47nH ~ 8.2
μH
High Frequency
NIN-PA
1.0 ~ 330
μH
High Current
1812
B
4.5 x 3.2 x 3.2
NIN-FB
0.1 ~ 1000
μH
Standard
NIN-PB
1.0 ~ 680
μH
High Current
Specifications
Case Size
0805
1008
1210
1812
Inductance Range
10nH ~ 1.0
μH
10nH ~ 100
μH
47nH ~ 330
μH
0.10
μH ~ 1000μH
Inductance Tolerance
±10% (K), ±5% (J)
±20% (M), ±10% (K), ±5% (J)
±10% (K), ±5% (J)
Operating Temperature Range
-25°C ~ +85°C (at 100% of rated voltage)
Insulation Resistance
1,000 MegOhm Min. (@ 100Vdc, Termination to Case)
Withstanding Voltage
250Vdc for 1 minute (Termination to Case)
Q Factor, Self Resonant Frequency,
DC Resistance, Rated DC Current
and Inductance Tolerance
See Individual Product Listings
Test
Specification
Test Method & Condition
Solderability
90% Min. Coverage
After 3 Sec. Dip in +230°C Solder Pot (Post Flux)
Humidity
(1) No Evidence of Damage
(2) Inductance Shall Be Within
±5% of Initial Value
(3) Q Factor Shall Be Within
±10% of Initial Value
After 500 Hrs at +60°C and 90~95% RH
Soldering Effect
After 5 Sec. at +260°C (5 min. 120°C Pre-Heat)
Low Frequency Vibration
After 2 Hrs per Axis, 10 ~ 55Hz, 1.5mm Amplitude
Thermal Shock
After 100 Cycles (-40°C ~ +85°C) 30 Min. Each
Low Temperature Storage
After 500 Hrs at -40°C
High Temperature Load
Life
(1) No Evidence of Damage
(2) Inductance Shall Be Within
±10% of Initial Value
(3) Q Factor Shall Be Within
±10% of Initial Value
After 500 Hrs. at +85°C with Rated DC Current
Humidity Load Life
After 500 Hrs at +60°C with 90~95% RH
at Rated DC Current
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.


Similar Part No. - NIN-ND1R0xTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN-NAR47JTRF NIC-NIN-NAR47JTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NAR47KTRF NIC-NIN-NAR47KTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NAR47MTRF NIC-NIN-NAR47MTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NCR47JTRF NIC-NIN-NCR47JTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NCR47KTRF NIC-NIN-NCR47KTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
More results

Similar Description - NIN-ND1R0xTRF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI453232R10MF SUPERWORLD-WI453232R10MF Datasheet
300Kb / 5P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050 SUPERWORLD-WI565050 Datasheet
290Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI322522 SUPERWORLD-WI322522_11 Datasheet
267Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
HWI453232 SUPERWORLD-HWI453232 Datasheet
285Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232 SUPERWORLD-WI453232 Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-2535 RENCO-RL-2535 Datasheet
1Mb / 3P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MCI1812-R01MBW RCD-MCI1812-R01MBW Datasheet
37Kb / 1P
   MOLDED WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com