Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF323 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MRF323
Description  RF POWER TRANSISTOR NPN SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MRF323 Datasheet(HTML) 3 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRF323
MOTOROLA RF DEVICE DATA
Figure 2. Output Power versus Frequency
Figure 3. Output Power versus Input Power
Figure 4. Output Power versus Supply Voltage
Figure 5. Power Gain versus Frequency
22
f, FREQUENCY (MHz)
18
500
400
300
200
14
10
6
2
Po = 20 W
VCC = 28 V
0
25
Pin, INPUT POWER (WATTS)
0
400
20
15
10
5
0
1
2
3
4
5
500
VCC = 28 V
Pin = 1.8 W
1.1 W
f = 400 MHz
24
VCC, SUPPLY VOLTAGE (VOLTS)
20
14
10
18
22
26
30
16
12
8
4
2.5 W
2 W
1.5 W
1 W
0.7 W
0.4 W
Pin = 3 W
VCC = 28 V
25
f, FREQUENCY (MHz)
500
400
300
200
0
20
15
10
5
0
f = 200 MHz


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn