Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIN-NDR18xTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NIN-NDR18xTRF
Description  Molded Chip Wirewound Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-NDR18xTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NIN-NDR18xTRF Datasheet HTML 1Page - NIC-Components Corp. NIN-NDR18xTRF Datasheet HTML 2Page - NIC-Components Corp. NIN-NDR18xTRF Datasheet HTML 3Page - NIC-Components Corp. NIN-NDR18xTRF Datasheet HTML 4Page - NIC-Components Corp. NIN-NDR18xTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-NDR18xTRF Datasheet HTML 6Page - NIC-Components Corp. NIN-NDR18xTRF Datasheet HTML 7Page - NIC-Components Corp. NIN-NDR18xTRF Datasheet HTML 8Page - NIC-Components Corp. NIN-NDR18xTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Molded Chip Wirewound Inductors
NIN Series
DIMENSIONS (mm)
SIZE B
Applicable Guidelines:
1. Recommended soldering conditions :
Flow (wave): 250oC for 5 sec. max. (preheating of 120oC for 5 minutes.)
Reflow: 250oC for 10 sec. max., total time above 230°C is 40 sec. max. (preheating 150°C ~ 180°C/120 sec. max.)
2. Avoid placing inductor over any metal pattern on the PCB, which may create mutual inductance problems.
3. For mounting, it is suggested to secure chip inductor by means of epoxy adhesive curable by ultraviolet.
4. Ultrasonic cleaning is not recommended. If it is necessary, the cleaning conditions must be examined so as not to create mechanical
damage by unexpected resonant vibration. Please contact our engineering department.
5. An excessive mechanical force may effect the electrical and magnetic properties of chip inductors. Make sure not to use any stress
greater than 2Kg when component is placed.
SIZE A, C and D
PART MARKING
(1) 3 digits system in
μH
(2) R indicates decimal point in
μH Ex:2R7 = 2.7μH
Ex:R18 = .18
μH = 180nH
(3) N indicates nanohenries (0.001
μH), Ex: 10N = 0.01 μH = 10nH
Inductance Tolerance Code:
M = ±20%, K = ±10%, J = ±5%
Packaging: TR = Tape & Reel
PART NUMBER SYSTEM
Rated inductance in μH (3 digits, first 2 numbers
are significant, R stands for decimal point)
NIN-FA
Series-Type
Lead Free/RoHS compliant
(99.3% Sn, 0.7% Cu)
R47 M TR F
EIA Size Size Code
Dim. L
Dim. W
Dim. H
Dim. A
Dim. B
0805
D
2.0 +0.3/
-0.2
1.25 ± 0.3 1.25 ± 0.3 1.0 ± 0.1
0.4 ± 0.2
1008
C
2.5 +0.3/
-0.2
2.0 ± 0.2
1.6 ± 0.2
1.2 ± 0.1
0.4 ± 0.2
1210
A
3.2 ± 0.3
2.5 ± 0.2
2.2 ± 0.2
1.9 ± 0.1
0.6 ± 0.2
1812
B
4.5 ± 0.3
3.2 ± 0.2
3.2 ± 0.2
1.2 ± 0.2
1.0 ± 0.2
Inductance
Tolerance
Marking for
Tolerance
Example
±20%
M
2R2M
±10%
No Identification
470
±5%
J
270J
MARKING
L
B
B
MARKING
L


Similar Part No. - NIN-NDR18xTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN-NAR47JTRF NIC-NIN-NAR47JTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NAR47KTRF NIC-NIN-NAR47KTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NAR47MTRF NIC-NIN-NAR47MTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NCR47JTRF NIC-NIN-NCR47JTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
NIN-NCR47KTRF NIC-NIN-NCR47KTRF Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
More results

Similar Description - NIN-NDR18xTRF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI453232R10MF SUPERWORLD-WI453232R10MF Datasheet
300Kb / 5P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050 SUPERWORLD-WI565050 Datasheet
290Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI322522 SUPERWORLD-WI322522_11 Datasheet
267Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
HWI453232 SUPERWORLD-HWI453232 Datasheet
285Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232 SUPERWORLD-WI453232 Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-2535 RENCO-RL-2535 Datasheet
1Mb / 3P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MCI1812-R01MBW RCD-MCI1812-R01MBW Datasheet
37Kb / 1P
   MOLDED WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com