Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG4005CT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMEG4005CT
Description  500 mA low VF dual MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG4005CT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMEG4005CT Datasheet HTML 5Page - NXP Semiconductors PMEG4005CT Datasheet HTML 6Page - NXP Semiconductors PMEG4005CT Datasheet HTML 7Page - NXP Semiconductors PMEG4005CT Datasheet HTML 8Page - NXP Semiconductors PMEG4005CT Datasheet HTML 9Page - NXP Semiconductors PMEG4005CT Datasheet HTML 10Page - NXP Semiconductors PMEG4005CT Datasheet HTML 11Page - NXP Semiconductors PMEG4005CT Datasheet HTML 12Page - NXP Semiconductors PMEG4005CT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PMEG4005CT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 20 September 2010
9 of 14
NXP Semiconductors
PMEG4005CT
500 mA low VF dual MEGA Schottky barrier rectifier
The current ratings for the typical waveforms as shown in Figure 9, 10, 11 and 12 are
calculated according to the equations:
with IM defined as peak current,
at DC, and
with IRMS defined as RMS current.
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
10. Packing information
Fig 14. Duty cycle definition
t1
t2
P
t
006aaa812
duty cycle
δ =
t1
t2
I
FAV
()
I
M
δ
×
=
I
RMS
I
FAV
()
=
I
RMS
I
M
δ
×
=
Fig 15. Package outline SOT23 (TO-236AB)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PMEG4005CT SOT23
4 mm pitch, 8 mm tape and reel
-215
-235


Similar Part No. - PMEG4005CT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4005CT NEXPERIA-PMEG4005CT Datasheet
255Kb / 12P
   500 mA low VF dual MEGA Schottky barrier rectifier
24 September 2019
PMEG4005CT-Q NEXPERIA-PMEG4005CT-Q Datasheet
262Kb / 13P
   40 V, 500 mA low VF dual Schottky barrier rectifier
1 December 2022
More results

Similar Description - PMEG4005CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005CT PHILIPS-PMEG2005CT_15 Datasheet
353Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
PMEG3005CT.215 NXP-PMEG3005CT.215 Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Nexperia B.V. All right...
PMEG3005CT NEXPERIA-PMEG3005CT Datasheet
453Kb / 15P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 20 September 2010
logo
NXP Semiconductors
PMEG3005CT PHILIPS-PMEG3005CT_15 Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
PMEG3005CT NXP-PMEG3005CT Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Nexperia B.V. All right...
PMEG4005CT NEXPERIA-PMEG4005CT Datasheet
255Kb / 12P
   500 mA low VF dual MEGA Schottky barrier rectifier
24 September 2019
logo
NXP Semiconductors
PMEG2005CT NXP-PMEG2005CT Datasheet
353Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
logo
Nexperia B.V. All right...
PMEG2005CT NEXPERIA-PMEG2005CT Datasheet
452Kb / 15P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 22 June 2010
logo
NXP Semiconductors
RB521CS30L NXP-RB521CS30L Datasheet
148Kb / 13P
   100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-24 January 2011
RB520CS30L PHILIPS-RB520CS30L Datasheet
709Kb / 14P
   100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-10 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com