Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH618A-3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH618A-3
Description  Optocoupler, Phototransistor Output, Low Input Current
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH618A-3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH618A-3 Datasheet HTML 1Page - Vishay Siliconix SFH618A-3 Datasheet HTML 2Page - Vishay Siliconix SFH618A-3 Datasheet HTML 3Page - Vishay Siliconix SFH618A-3 Datasheet HTML 4Page - Vishay Siliconix SFH618A-3 Datasheet HTML 5Page - Vishay Siliconix SFH618A-3 Datasheet HTML 6Page - Vishay Siliconix SFH618A-3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Alternative Device Available
SFH618A, SFH6186
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 23-May-13
4
Document Number: 83673
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Test Circuit
Fig. 3 - Test Circuit and Waveforms
Note
• As per IEC60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 4 - Current Transfer Ratio (typ.)
Fig. 5 - Current Transfer Ratio (typ.)
isfh618a_10
Input
VOUT
VCC = 5 V
RL
isfh618a_12
10 %
90 %
Input pulse
Output pulse
tr
ton
t f
t off
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC68 part 1)
55/100/21
Comparative tracking index
CTI
175
399
VIOTM
10000
V
VIORM
890
V
PSO
400
mW
ISI
275
mA
TSI
175
°C
Creepage distance
Standard DIP-4
7
mm
Clearance distance
Standard DIP-4
7
mm
Creepage distance
400 mil DIP-4
8
mm
Clearance distance
400 mil DIP-4
8
mm
Insulation thickness,
reinforced rated
per IEC60950 2.10.5.1
0.4
mm
240
280
200
160
- 40 - 20
0
20
40
60
80
100
isfh618a_01
TA (°C)
120
80
40
0
IF = 5mA
IF = 1mA
IF = 2mA
IF = 0.5mA
VCE = 0.5 V, CTR = f (TA)
240
280
200
160
- 40 - 20
0
20
40
60
80 100
isfh618a_02
TA (°C)
120
80
40
0
IF = 5mA
IF = 1mA
IF = 2mA
IF = 0.5mA


Similar Part No. - SFH618A-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH618A-3 VISHAY-SFH618A-3 Datasheet
473Kb / 4P
   Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
Revision 17-August-01
logo
Infineon Technologies A...
SFH618A-3 INFINEON-SFH618A-3 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
Vishay Siliconix
SFH618A-3 VISHAY-SFH618A-3 Datasheet
146Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.8, 25-Jan-08
SFH618A-3 VISHAY-SFH618A-3 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH618A-3 VISHAY-SFH618A-3 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
More results

Similar Description - SFH618A-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2023
SFH6186-3X001 VISHAY-SFH6186-3X001 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH6186-2T VISHAY-SFH6186-2T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A Datasheet
175Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
Rev. 1.7, 18-Feb-13
SFH6186-3X001T VISHAY-SFH6186-3X001T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_V02 Datasheet
242Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current
01-Jan-2023
VO610A VISHAY-VO610A_V01 Datasheet
176Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com