Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2PB709BRL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2PB709BRL
Description  50 V, 200 mA PNP general-purpose transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PB709BRL Datasheet(HTML) 4 Page - NXP Semiconductors

  2PB709BRL Datasheet HTML 1Page - NXP Semiconductors 2PB709BRL Datasheet HTML 2Page - NXP Semiconductors 2PB709BRL Datasheet HTML 3Page - NXP Semiconductors 2PB709BRL Datasheet HTML 4Page - NXP Semiconductors 2PB709BRL Datasheet HTML 5Page - NXP Semiconductors 2PB709BRL Datasheet HTML 6Page - NXP Semiconductors 2PB709BRL Datasheet HTML 7Page - NXP Semiconductors 2PB709BRL Datasheet HTML 8Page - NXP Semiconductors 2PB709BRL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2PB709BRL_2PB709BSL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 28 June 2010
4 of 13
NXP Semiconductors
2PB709BRL; 2PB709BSL
50 V, 200 mA PNP general-purpose transistors
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
FR4 PCB, standard footprint
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aaa991
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0.75
0.50
0.33
0.20
0.01
0.10
0.05
0.02
0
δ = 1
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = −60 V; IE =0 A
-
-
−10
nA
VCB = −60 V; IE =0 A;
Tj = 150 °C
--
−5
μA
IEBO
emitter-base cut-off
current
VEB = −5V; IC =0A
-
-
−10
nA
hFE
DC current gain
VCE = −10 V; IC = −2 mA
210
-
460
hFE group R
210
-
340
hFE group S
290
-
460
VCEsat
collector-emitter
saturation voltage
IC = −100 mA;
IB = −10 mA
[1] --
−250 mV
fT
transition frequency
VCE = −6V; IC = −10 mA;
f = 100 MHz
100
200
-
MHz
Cc
collector capacitance
VCB = −10 V; IE =ie =0A;
f= 1MHz
--3
pF


Similar Part No. - 2PB709BRL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PB709BRL NEXPERIA-2PB709BRL Datasheet
971Kb / 13P
   50 V, 200 mA PNP general-purpose transistors
Rev. 1 - 28 June 2010
More results

Similar Description - 2PB709BRL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PB709BRL NEXPERIA-2PB709BRL Datasheet
971Kb / 13P
   50 V, 200 mA PNP general-purpose transistors
Rev. 1 - 28 June 2010
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
logo
NXP Semiconductors
2PD601BSL NXP-2PD601BSL Datasheet
317Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1-28 June 2010
logo
Nexperia B.V. All right...
2PB710AXL NEXPERIA-2PB710AXL Datasheet
615Kb / 9P
   50 V, 500 mA PNP general-purpose transistors
Rev. 01 - 29 October 2008
2PB710ASL-Q NEXPERIA-2PB710ASL-Q Datasheet
183Kb / 8P
   50 V, 500 mA PNP general-purpose transistors
3 January 2022
logo
NXP Semiconductors
2PB710ARL NXP-2PB710ARL Datasheet
64Kb / 9P
   50 V, 500 mA PNP general-purpose transistors
Rev. 01-29 October 2008
PMBT3906YS NXP-PMBT3906YS Datasheet
97Kb / 12P
   40 V, 200 mA PNP/PNP general-purpose double transistor
Rev. 02-13 May 2009
logo
Nexperia B.V. All right...
PMBT3906YS NEXPERIA-PMBT3906YS Datasheet
212Kb / 13P
   40 V, 200 mA PNP/PNP general-purpose double transistor
Rev. 02 - 13 May 2009
logo
NXP Semiconductors
BC807-40.215 NXP-BC807-40.215 Datasheet
242Kb / 19P
   45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC807W-Q_SER NEXPERIA-BC807W-Q_SER Datasheet
308Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 8 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com