Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM7064AELC44-10 Datasheet(PDF) 43 Page - Altera Corporation

Part # EPM7064AELC44-10
Description  Programmable Logic Device
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7064AELC44-10 Datasheet(HTML) 43 Page - Altera Corporation

Back Button EPM7064AELC44-10 Datasheet HTML 39Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 40Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 41Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 42Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 43Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 44Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 45Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 46Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 47Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Altera Corporation
43
MAX 7000A Programmable Logic Device Data Sheet
Table 23. EPM7256AE External Timing Parameters
Note (1)
Symbol
Parameter
Conditions
Speed Grade
Unit
-5
-7
-10
Min
Max
Min
Max
Min
Max
tPD1
Input to non-
registered output
C1 = 35 pF
(2)
5.5
7.5
10
ns
tPD2
I/O input to non-
registered output
C1 = 35 pF
(2)
5.5
7.5
10
ns
tSU
Global clock setup
time
(2)
3.9
5.2
6.9
ns
tH
Global clock hold time (2)
0.0
0.0
0.0
ns
tFSU
Global clock setup
time of fast input
2.5
3.0
3.0
ns
tFH
Global clock hold time
of fast input
0.0
0.0
0.0
ns
tCO1
Global clock to output
delay
C1 = 35 pF
1.0
3.5
1.0
4.8
1.0
6.4
ns
tCH
Global clock high time
2.0
3.0
4.0
ns
tCL
Global clock low time
2.0
3.0
4.0
ns
tASU
Array clock setup time (2)
2.0
2.7
3.6
ns
tAH
Array clock hold time
(2)
0.2
0.3
0.5
ns
tACO1
Array clock to output
delay
C1 = 35 pF
(2)
1.0
5.4
1.0
7.3
1.0
9.7
ns
tACH
Array clock high time
2.0
3.0
4.0
ns
tACL
Array clock low time
2.0
3.0
4.0
ns
tCPPW
Minimum pulse width
for clear and preset
(3)
2.0
3.0
4.0
ns
tCNT
Minimum global clock
period
(2)
5.8
7.9
10.5
ns
fCNT
Maximum internal
global clock frequency
(2), (4)
172.4
126.6
95.2
MHz
tACNT
Minimum array clock
period
(2)
5.8
7.9
10.5
ns
fACNT
Maximum internal
array clock frequency
(2), (4)
172.4
126.6
95.2
MHz


Similar Part No. - EPM7064AELC44-10

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7064AE ALTERA-EPM7064AE Datasheet
943Kb / 60P
   Programmable Logic Device
EPM7064AE ALTERA-EPM7064AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AE ALTERA-EPM7064AE Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM7064AE ALTERA-EPM7064AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AE ALTERA-EPM7064AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results

Similar Description - EPM7064AELC44-10

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7032AELC44-10 ALTERA-EPM7032AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
   Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
   Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
   Programmable Logic Device
EPM7256AETC144-10N ALTERA-EPM7256AETC144-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AEQI208-7N ALTERA-EPM7256AEQI208-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com