Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM7064AELC44-10 Datasheet(PDF) 60 Page - Altera Corporation

Part # EPM7064AELC44-10
Description  Programmable Logic Device
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7064AELC44-10 Datasheet(HTML) 60 Page - Altera Corporation

Back Button EPM7064AELC44-10 Datasheet HTML 56Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 57Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 58Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 59Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 60Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 61Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 62Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 63Page - Altera Corporation EPM7064AELC44-10 Datasheet HTML 64Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
60
Altera Corporation
MAX 7000A Programmable Logic Device Data Sheet
Figure 19. 144-Pin TQFP Package Pin-Out Diagram
Package outline not drawn to scale
.
Figure 20. 169-Pin Ultra FineLine BGA Package Pin-Out Diagram
Package outline not drawn to scale
.
Indicates location
of Pin 1
Pin 1
Pin 109
Pin 73
Pin 37
EPM7128A
EPM7128AE
EPM7256A
EPM7256AE
EPM7512AE
Indicates
location of
Ball A1
A1 Ball
Pad Corner
A
B
C
D
E
F
G
H
J
K
10
9
8
7
6
5
4
3
2
1
EPM7064AE
EPM7128A
EPM7128AE
EPM7256AE


Similar Part No. - EPM7064AELC44-10

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7064AE ALTERA-EPM7064AE Datasheet
943Kb / 60P
   Programmable Logic Device
EPM7064AE ALTERA-EPM7064AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AE ALTERA-EPM7064AE Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM7064AE ALTERA-EPM7064AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AE ALTERA-EPM7064AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results

Similar Description - EPM7064AELC44-10

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7032AELC44-10 ALTERA-EPM7032AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
   Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
   Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
   Programmable Logic Device
EPM7256AETC144-10N ALTERA-EPM7256AETC144-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AEQI208-7N ALTERA-EPM7256AEQI208-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com