Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF6024AQC240-3 Datasheet(PDF) 9 Page - Altera Corporation

Part # EPF6024AQC240-3
Description  Programmable Logic Device Family
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF6024AQC240-3 Datasheet(HTML) 9 Page - Altera Corporation

Back Button EPF6024AQC240-3 Datasheet HTML 5Page - Altera Corporation EPF6024AQC240-3 Datasheet HTML 6Page - Altera Corporation EPF6024AQC240-3 Datasheet HTML 7Page - Altera Corporation EPF6024AQC240-3 Datasheet HTML 8Page - Altera Corporation EPF6024AQC240-3 Datasheet HTML 9Page - Altera Corporation EPF6024AQC240-3 Datasheet HTML 10Page - Altera Corporation EPF6024AQC240-3 Datasheet HTML 11Page - Altera Corporation EPF6024AQC240-3 Datasheet HTML 12Page - Altera Corporation EPF6024AQC240-3 Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Altera Corporation
9
FLEX 6000 Programmable Logic Device Family Data Sheet
Figure 4. Logic Element
The programmable flipflop in the LE can be configured for D, T, JK, or SR
operation. The clock and clear control signals on the flipflop can be driven
by global signals, general-purpose I/O pins, or any internal logic. For
combinatorial functions, the flipflop is bypassed and the output of the
LUT drives the outputs of the LE. The LE output can drive both the local
interconnect and the FastTrack Interconnect.
The FLEX 6000 architecture provides two types of dedicated high-speed
data paths that connect adjacent LEs without using local interconnect
paths: carry chains and cascade chains. A carry chain supports high-speed
arithmetic functions such as counters and adders, while a cascade chain
implements wide-input functions such as equivalent comparators with
minimum delay. Carry and cascade chains connect LEs 2 through 10 in an
LAB and all LABs in the same half of the row. Because extensive use of
carry and cascade chains can reduce routing flexibility, these chains
should be limited to speed-critical portions of a design.
Chip-Wide Reset
Carry-In
Clock
Select
Carry-Out
Look-Up
T
able
(LUT)
Clear/ Preset
Logic
Carry
Chain
Cascade
Chain
Cascade-In
Cascade-Out
LE-Out
Programmable
Register
PRN
CLRN
DQ
Register Bypass
data1
data2
data3
data4
labctrl1
labctrl2
labctrl3
labctrl4


Similar Part No. - EPF6024AQC240-3

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF6024AQC240-3N ALTERA-EPF6024AQC240-3N Datasheet
405Kb / 52P
   Programmable Logic Device Family
More results

Similar Description - EPF6024AQC240-3

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com