Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H11N1 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. H11N1
Description  6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11N1 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  H11N1 Datasheet HTML 1Page - Fairchild Semiconductor H11N1 Datasheet HTML 2Page - Fairchild Semiconductor H11N1 Datasheet HTML 3Page - Fairchild Semiconductor H11N1 Datasheet HTML 4Page - Fairchild Semiconductor H11N1 Datasheet HTML 5Page - Fairchild Semiconductor H11N1 Datasheet HTML 6Page - Fairchild Semiconductor H11N1 Datasheet HTML 7Page - Fairchild Semiconductor H11N1 Datasheet HTML 8Page - Fairchild Semiconductor H11N1 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4/14/03
Page 2 of 9
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP
HIGH SPEED LOGIC OPTOCOUPLERS
H11N1-M
H11N2-M
H11N3-M
*Typical values at TA = 25°C
ABSOLUTE MAXIMUM RATINGS
Parameters
Symbol
Device
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
All
-55 to +150
°C
Operating Temperature
TOPR
All
-40 to +85
°C
Lead Solder Temperature
TSOL
All
260 for 10 sec
°C
Total Device Power Dissipation @ 25°C
PD
All
250
mW
Derate Above 25°C
2.94
mW/°C
EMITTER
Continuous Forward Current
IF
All
30
mA
Reverse Voltage
VR
All
6
V
Forward Current - Peak (1 µs pulse, 300 pps)
IF(pk)
All
1.0
A
LED Power Dissipation 25°C Ambient
PD
All
120
mW
Derate Linearly From 25°C
1.41
mW/°C
DETECTOR
Detector Power Dissipation @ 25°C
PD
All
150
mW
Derate Linearly from 25°C
1.76
mW/°C
V45 Allowed Range
VO
All
0 to 16
V
V65 Allowed Range
VCC
All
0 to 16
V
I4 Output Current
IO
All
50
mA
ELECTRICAL CHARACTERISTICS (TA = 0-70°C Unless otherwise specified.)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameters
Test Conditions
Symbol
Device
Min
Typ*
Max
Units
EMITTER
Input Forward Voltage
IF = 10 mA
VF
All
1.4
2
V
IF = 0.3 mA
0.75
1.25
Reverse Current
VR = 5 V
IR
All
10
µA
Capacitance
V = 0, f = 1.0 MHz
CJ
All
100
pF
DETECTOR
Operating Voltage Range
VCC
All
4
15
V
Supply Current
IF = 0, VCC = 5V
ICC(off)
All
6
10
mA
Output Current, High
IF = 0.3mA, VCC = VO = 15V
IOH
All
100
µA


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn