Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H11N1 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. H11N1
Description  6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11N1 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  H11N1 Datasheet HTML 1Page - Fairchild Semiconductor H11N1 Datasheet HTML 2Page - Fairchild Semiconductor H11N1 Datasheet HTML 3Page - Fairchild Semiconductor H11N1 Datasheet HTML 4Page - Fairchild Semiconductor H11N1 Datasheet HTML 5Page - Fairchild Semiconductor H11N1 Datasheet HTML 6Page - Fairchild Semiconductor H11N1 Datasheet HTML 7Page - Fairchild Semiconductor H11N1 Datasheet HTML 8Page - Fairchild Semiconductor H11N1 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/14/03
Page 4 of 9
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP
HIGH SPEED LOGIC OPTOCOUPLERS
H11N1-M
H11N2-M
H11N3-M
C
RE
RL
0.1
µF
VIN 5V
VO
90%
ton
tr
tf
10%
50%
toff
Figure 1. Switching Test Circuit and Waveforms
IF
1
2
H11N1-M
VIN
tr = tf
≤ 0.01µS
Z = 50
270
I6
5V
VO
5
6
4
0
Figure 3. Threshold Current vs. Supply Voltage
Figure 2. Transfer Characteristics
Figure 4. Threshold Current vs. Temperature
Figure 5. Load Current vs. Output Voltage
01
2
3
4
IF - INPUT CURRENT (mA)
0
1
2
3
4
5
6
VCC = 5V
RL = 270Ω
TA = 25°C
VOH
VOL
IF(OFF)
IF(ON)
VCC - SUPPLY VOLTAGE (V)
02
4
6
8
10
121416
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
D
:
AT
Hysteresis area
shaded for illustration
TURN ON THRESHOLD
NORMALIZED TO:
TURN ON THRESHOLD AT
VCC = 5V, TA = 25°C
TURN OFF THRESHOLD
TA- TEMPERATURE (°C)
010
20
30
405060
70
0.0
0.2
0.4
0.6
0.8
1.0
1.2
IF(On)
IF(Off)
NORMALIZED TO :
VCC = 5V
TA = 25°C
VO - OUTPUT VOLTAGE, LOW (V)
0.0
0.2
0.4
0.6
0.8
1.0
1
10
100
IF = IF(ON)
VCC = 5V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn