Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM431ACMX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # LM431ACMX
Description  Programmable Shunt Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM431ACMX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  LM431ACMX Datasheet HTML 1Page - Fairchild Semiconductor LM431ACMX Datasheet HTML 2Page - Fairchild Semiconductor LM431ACMX Datasheet HTML 3Page - Fairchild Semiconductor LM431ACMX Datasheet HTML 4Page - Fairchild Semiconductor LM431ACMX Datasheet HTML 5Page - Fairchild Semiconductor LM431ACMX Datasheet HTML 6Page - Fairchild Semiconductor LM431ACMX Datasheet HTML 7Page - Fairchild Semiconductor LM431ACMX Datasheet HTML 8Page - Fairchild Semiconductor LM431ACMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM431A / LM431B / LM431C Rev. 1.2.0
3
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
1. LM431xC: TMIN = -25°C, TMAX = +85°C.
LM431xI: TMIN = -40°C, TMAX = +85°C.
Symbol
Parameter
Conditions
LM431A
LM431B
LM431C
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
VREF
Reference
Input Voltage
VKA = VREF,
IKA = 10 mA
2.450 2.500 2.550 2.470 2.495 2.520 2.482 2.495 2.508
V
ΔVREF/
ΔT
Deviation of
Reference
Input Voltage
Over-
Temperature
VKA = VREF,
IKA =10 mA
TMIN ≤ TA ≤ TMAX
(1)
4.5
17.0
4.5
17.0
4.5
17.0
mV
ΔVREF/
ΔVKA
Ratio of
Change in
Reference
Input Voltage
to the
Change in
Cathode
Voltage
IKA =
10 mA
ΔVKA =
10V-VREF
-1.0
-2.7
-1.0
-2.7
-1.0
-2.7
mV / V
ΔVKA =
36V-10V
-0.5
-2.0
-0.5
-2.0
-0.5
-2.0
IREF
Reference
Input Current
IKA = 10 mA,
R1 =10 k
Ω, R2 = ∞
1.5
4.0
1.5
4.0
1.5
4.0
μA
ΔIREF /
ΔT
Deviation of
Reference
Input Current
Over Full
Temperature
Range
IKA = 10 mA,
R1 = 10 k
Ω, R2 = ∞
TA = Full Range
0.4
1.2
0.4
1.2
0.4
1.2
μA
IKA(MIN)
Minimum
Cathode
Cur-rent for
Regulation
VKA = VREF
0.45
1.00
0.45
1.00
0.45
1.00
mA
IKA(OFF)
Off - Stage
Cathode
Current
VKA = 36 V,
VREF = 0
0.05
1.00
0.05
1.00
0.05
1.00
μA
ZKA
Dynamic
Impedance
VKA = VREF,
IKA =1 to 100 mA
f
≥ 1.0 kHz
0.15
0.50
0.15
0.50
0.15
0.50
Ω


Similar Part No. - LM431ACMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM431ACMX NSC-LM431ACMX Datasheet
870Kb / 13P
   Adjustable Precision Zener Shunt Regulator
logo
Texas Instruments
LM431ACMX TI1-LM431ACMX Datasheet
1Mb / 23P
[Old version datasheet]   LM431 Adjustable Precision Zener Shunt Regulator
LM431ACMX TI1-LM431ACMX Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
logo
ON Semiconductor
LM431ACMX ONSEMI-LM431ACMX Datasheet
356Kb / 13P
   Programmable Shunt Regulator
June 2013 Rev. 1.2.0
logo
Texas Instruments
LM431ACMX/NOPB TI1-LM431ACMX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LM431 Adjustable Precision Zener Shunt Regulator
More results

Similar Description - LM431ACMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com