Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11D4 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # H11D4
Description  HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11D4 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  H11D4 Datasheet HTML 1Page - Fairchild Semiconductor H11D4 Datasheet HTML 2Page - Fairchild Semiconductor H11D4 Datasheet HTML 3Page - Fairchild Semiconductor H11D4 Datasheet HTML 4Page - Fairchild Semiconductor H11D4 Datasheet HTML 5Page - Fairchild Semiconductor H11D4 Datasheet HTML 6Page - Fairchild Semiconductor H11D4 Datasheet HTML 7Page - Fairchild Semiconductor H11D4 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VCE - COLLECTOR VOLTAGE (V)
Fig.2 Normalized Output Characteristics
0.1
1
10
100
0.01
0.1
1
10
Normalized to:
VCE = 10 V
IF = 10 mA
RBE = 106
TA = 25˚C
IF = 50 mA
IF = 5 mA
IF = 10 mA
IF - LED FORWARDCURRENT (mA)
Fig.1 LED Forward Voltage vs. Forward Current
1
10
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = 55˚C
TA = 25˚C
TA = 100˚C
8/9/00
200046A
H11D1, H11D2, H11D3, H11D4, 4N38
HIGH VOLTAGE
PHOTOTRANSISTOR OPTOCOUPLERS
DC Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
EMITTER
H11D1
Current Transfer Ratio
(IF = 10 mA, VCE = 10 V)
H11D2
2 (20)
Collector to Emitter
(RBE = 1 M")
CTR
H11D3
mA (%)
H11D4
1 (10)
(IF = 10 mA, VCE = 10 V)
4N38
2 (20)
(IF = 10 mA, IC = 0.5 mA)
H11D1/2/3/4
0.1
0.40
*Saturation Voltage
(RBE = 1 M")VCE (SAT)
V
(IF = 20 mA, IC = 4 mA)
4N38
1.0
TRANSFER CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
SWITCHING TIMES
(VCE =10 V, ICE = 2 mA)
ton
ALL
5
Non-Saturated Turn-on Time
µs
Turn-off Time
(RL = 100 ")
toff
ALL
5
TRANSFER CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
Isolation Voltage
(II-O #$1 µA, 1 min.)
VISO
ALL
5300
(VACRMS)
7500
(VACPEAK)
Isolation Resistance
(VI-O = 500 VDC)
RISO
ALL
1011
"
Isolation Capacitance
(f = 1 MHz)
CISO
ALL
0.5
pF
ISOLATION CHARACTERISTICS
Notes
* Parameters meet or exceed JEDEC registered data (for 4N38 only)
** All typical values at TA = 25°C


Similar Part No. - H11D4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
H11D4 VISHAY-H11D4 Datasheet
120Kb / 8P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCER Voltage
Rev. 1.5, 19-Nov-07
logo
ISOCOM COMPONENTS
H11D4 ISOCOM-H11D4 Datasheet
78Kb / 3P
   HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
H11D4X ISOCOM-H11D4X Datasheet
78Kb / 3P
   HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - H11D4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N38SR2M FAIRCHILD-4N38SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2M FAIRCHILD-H11D1SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1M FAIRCHILD-H11D1M Datasheet
228Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SM FAIRCHILD-H11D1SM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2VM FAIRCHILD-H11D1SR2VM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
logo
ON Semiconductor
4N38M ONSEMI-4N38M Datasheet
339Kb / 10P
   6-Pin DIP High Voltage Phototransistor Optocouplers
February, 2022 - Rev. 0
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com