Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCM0565RG Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSCM0565RG
Description  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0565RG Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSCM0565RG Datasheet HTML 2Page - Fairchild Semiconductor FSCM0565RG Datasheet HTML 3Page - Fairchild Semiconductor FSCM0565RG Datasheet HTML 4Page - Fairchild Semiconductor FSCM0565RG Datasheet HTML 5Page - Fairchild Semiconductor FSCM0565RG Datasheet HTML 6Page - Fairchild Semiconductor FSCM0565RG Datasheet HTML 7Page - Fairchild Semiconductor FSCM0565RG Datasheet HTML 8Page - Fairchild Semiconductor FSCM0565RG Datasheet HTML 9Page - Fairchild Semiconductor FSCM0565RG Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
FSCM0565R
6
Notes:
1. These parameters, although guaranteed at the design, are not tested in mass production.
2. These parameters indicate the inductor current.
3. This parameter is the current flowing into the control IC.
PROTECTION SECTION
Peak Current Limit(2)
ILIM
VCC = 14V, VFB = 5V
2.2
2.5
2.8
A
Over Voltage Protection
VOVP
-18
19
20
V
Thermal Shutdown Temperature(1)
TSD
130
145
160
°C
ShutdownDelay Current
IDELAY
VFB = 4V
3.5
5.3
7
μA
Shutdown Feedback Voltage
VSD
VFB > 5.5V
5.5
6
6.5
V
TOTAL DEVICE SECTION
Startup Current
Istart
-20
40
μA
Operating Supply Current(3)
IOP(MIN)
VCC = 10V, VFB = 0V
-2.5
5
mA
IOP(MAX)
VCC = 20V, VFB = 0V


Similar Part No. - FSCM0565RG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0565RG FAIRCHILD-FSCM0565RG Datasheet
495Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSCM0565RG FAIRCHILD-FSCM0565RG Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSCM0565RG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com