Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11AA3SD Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # H11AA3SD
Description  AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11AA3SD Datasheet(HTML) 2 Page - Fairchild Semiconductor

  H11AA3SD Datasheet HTML 1Page - Fairchild Semiconductor H11AA3SD Datasheet HTML 2Page - Fairchild Semiconductor H11AA3SD Datasheet HTML 3Page - Fairchild Semiconductor H11AA3SD Datasheet HTML 4Page - Fairchild Semiconductor H11AA3SD Datasheet HTML 5Page - Fairchild Semiconductor H11AA3SD Datasheet HTML 6Page - Fairchild Semiconductor H11AA3SD Datasheet HTML 7Page - Fairchild Semiconductor H11AA3SD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
H11AA1, H11AA3, H11AA2, H11AA4 Rev. 1.0.0
Electrical Characteristics (TA = 25°C Unless otherwise specified.)
Individual Component Characteristics
Transfer Characteristics (TA = 25°C Unless otherwise specified.)
Isolation Characteristics
Parameter
Test Conditions
Symbol
Device
Min
Typ
Max
Unit
EMITTER
Input Forward Voltage
IF = ±10 mA
VF
All
1.2
1.5
V
Capacitance
VF = 0 V, f = 1.0 MHz
CJ
All
80
pF
DETECTOR
Breakdown Voltage
Collector to Emitter
IC = 1.0 mA, IF = 0
BVCEO
All
30
V
Collector to Base
IC = 100 µA, IF = 0
BVCBO
All
70
V
Emitter to Base
IE = 100 µA, IF = 0
BVEBO
All
5
V
Emitter to Collector
IE = 100 µA, IF = 0
BVECO
All
7
V
Leakage Current
Collector to Emitter
VCE = 10 V, IF = 0
ICEO
H11AA1,3,4
50
nA
H11AA2
200
Capacitance
Collector to Emitter
VCE = 0, f = 1 MHz
CCE
All
10
pF
Collector to Base
VCE = 0, f = 1 MHz
CCB
All
80
pF
Emitter to Base
VCE = 0, f = 1 MHz
CEB
All
15
pF
Characteristics
Test Conditions
Symbol Device
Min
Typ
Max
Units
Current Transfer Ratio,
Collector to Emitter
IF = ±10 mA, VCE = 10 V
CTRCE
H11AA4
100
%
H11AA3
50
H11AA1
20
H11AA2
10
Current Transfer Ratio, Symmetry
IF = ±10 mA, VCE = 10 V (Figure.8)
All
.33
3.0
Saturation Voltage
Collector to Emitter
IF = ±10 mA, ICE = 0.5 mA
VCE(SAT)
All
.40
V
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Units
Package Capacitance input/output
VI-O = 0, f = 1 MHz
CI-O
0.7
pF
Isolation Voltage
f = 60 Hz, t = 1 min.
VISO
5300
VAC(RMS)
Isolation Resistance
VI-O = 500 VDC
RISO
1011


Similar Part No. - H11AA3SD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
H11AA3S(TA)-V EVERLIGHT-H11AA3S(TA)-V Datasheet
411Kb / 12P
   AC INPUT PHOTOCOUPLER
H11AA3S(TB)-V EVERLIGHT-H11AA3S(TB)-V Datasheet
411Kb / 12P
   AC INPUT PHOTOCOUPLER
H11AA3S1(TA)-V EVERLIGHT-H11AA3S1(TA)-V Datasheet
411Kb / 12P
   AC INPUT PHOTOCOUPLER
H11AA3S1(TB)-V EVERLIGHT-H11AA3S1(TB)-V Datasheet
411Kb / 12P
   AC INPUT PHOTOCOUPLER
logo
Fairchild Semiconductor
H11AA3SM FAIRCHILD-H11AA3SM Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - H11AA3SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AA1M FAIRCHILD-H11AA1M Datasheet
511Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA4M FAIRCHILD-H11AA4M Datasheet
261Kb / 10P
   AC Input/Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA1 QT-H11AA1 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA1-M FAIRCHILD-H11AA1-M_06 Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA1-M FAIRCHILD-H11AA1-M Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
MOC256 FAIRCHILD-MOC256 Datasheet
486Kb / 7P
   AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOC256-M FAIRCHILD-MOC256-M Datasheet
105Kb / 7P
   AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com