Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSCM0565RJ Datasheet(PDF) 13 Page - Fairchild Semiconductor

Part No. FSCM0565RJ
Description  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0565RJ Datasheet(HTML) 13 Page - Fairchild Semiconductor

Back Button FSCM0565RJ Datasheet HTML 9Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 10Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 11Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 12Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 13Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 14Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 15Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 16Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 17Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
FSCM0565R
13
Typical application circuit
Features
• High efficiency (>81% at 85Vac input)
• Low standby mode power consumption (<1W at 240Vac input and 0.4W load)
• Low component count
• Enhanced system reliability through various protection functions
• Low EMI through frequency modulation
• Internal soft-start (15ms)
Key Design Notes
• Resistors R102 and R105 are employed to prevent start-up at low input voltage
• The delay time for over load protection is designed to be about 50ms with C106 of 47nF. If a faster triggering of OLP is
required, C106 can be reduced to 22nF.
1. Schematic
Figure 23. Demo Circuit
Application
Output Power
Input Voltage
Output Voltage (Max Current)
LCD Monitor
40W
Universal Input
(85-265Vac)
5V (2.0A)
12V (2.5A)
3
4
C102
220nF
275VA
C
LF101
23mH
C101
220nF
275VA
C
RT1
5D-9
F1
FUSE
250V
2A
C103
100uF
400V
R103
56kΩ
2W
C104
2.2nF
1kV
D101
UF 4007
C106
47nF
50V
C105
22uF
50V
D102
TVR10G
R104
5Ω
1
2
3
4
5
T1
EER3016
BD101
2KBP06M3N257
1
2
R101
560kΩ
1W
FSCM0565R
I
limit
Vf
b
Vcc
Drain
GND
1
2
3
4
6
ZD10
1
22V
8
10
D202
MBRF10100
C201
1000uF
25V
C202
1000u
F
25V
L20
1
12V,
2.5A
6
7
D201
MBRF1045
C203
1000uF
10V
C204
1000u
F
10V
L20
2
5V, 2A
R201
1kΩ
R202
1.2kΩ
R204
5.6kΩ
R203
10kΩ
C205
47nF
R205
5.6kΩ
C301
4.7n
F
IC301
H11A817A
IC201
KA431
R102
500kΩ
R105
500kΩ
R106
5kΩ
1/4W
5
N.C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn