Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSCM0565RGWDTU Datasheet(PDF) 14 Page - Fairchild Semiconductor

Part No. FSCM0565RGWDTU
Description  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0565RGWDTU Datasheet(HTML) 14 Page - Fairchild Semiconductor

Back Button FSCM0565RGWDTU Datasheet HTML 10Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 11Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 12Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 13Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 14Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 15Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 16Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 17Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 18Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
FSCM0565R
14
2. Transformer
Figure 24. Transformer Schematic Diagram
3.Winding Specification
4.Electrical Characteristics
5. Core & Bobbin
Core: EER 3016
Bobbin: EER3016
Ae(mm2): 96
No
Pin (s
→f)
Wire
Turns
Winding Method
Na
4
→ 50.2φ × 1
8
Center Winding
Insulation: Polyester Tape t = 0.050mm, 2Layers
Np/2
2
→ 10.4φ × 1
18
Solenoid Winding
Insulation: Polyester Tape t = 0.050mm, 2Layers
N12V
10
→ 80.3φ × 3
7
Center Winding
Insulation: Polyester Tape t = 0.050mm, 2Layers
N5V
7
→ 60.3φ × 3
3
Center Winding
Insulation: Polyester Tape t = 0.050mm, 2Layers
Np/2
3
→ 20.4φ × 1
18
Solenoid Winding
Outer Insulation: Polyester Tape t = 0.050mm, 2Layers
Pin
Specification
Remarks
Inductance
1 - 3
520uH ± 10%
100kHz, 1V
Leakage Inductance
1 - 3
10uH Max
2nd all Short
EER3016
N
p
/2
N
12V
N
a
1
2
3
4
5
6
7
8
9
10
N
p
/2
N
5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn