Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSCM0565RGWDTU Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. FSCM0565RGWDTU
Description  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0565RGWDTU Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSCM0565RGWDTU Datasheet HTML 2Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 3Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 4Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 5Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 6Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 7Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 8Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 9Page - Fairchild Semiconductor FSCM0565RGWDTU Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
FSCM0565R
6
Notes:
1. These parameters, although guaranteed at the design, are not tested in mass production.
2. These parameters indicate the inductor current.
3. This parameter is the current flowing into the control IC.
PROTECTION SECTION
Peak Current Limit(2)
ILIM
VCC = 14V, VFB = 5V
2.2
2.5
2.8
A
Over Voltage Protection
VOVP
-18
19
20
V
Thermal Shutdown Temperature(1)
TSD
130
145
160
°C
ShutdownDelay Current
IDELAY
VFB = 4V
3.5
5.3
7
μA
Shutdown Feedback Voltage
VSD
VFB > 5.5V
5.5
6
6.5
V
TOTAL DEVICE SECTION
Startup Current
Istart
-20
40
μA
Operating Supply Current(3)
IOP(MIN)
VCC = 10V, VFB = 0V
-2.5
5
mA
IOP(MAX)
VCC = 20V, VFB = 0V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn