Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8035 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN8035
Description  6-CH Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8035 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN8035 Datasheet HTML 1Page - Fairchild Semiconductor FAN8035 Datasheet HTML 2Page - Fairchild Semiconductor FAN8035 Datasheet HTML 3Page - Fairchild Semiconductor FAN8035 Datasheet HTML 4Page - Fairchild Semiconductor FAN8035 Datasheet HTML 5Page - Fairchild Semiconductor FAN8035 Datasheet HTML 6Page - Fairchild Semiconductor FAN8035 Datasheet HTML 7Page - Fairchild Semiconductor FAN8035 Datasheet HTML 8Page - Fairchild Semiconductor FAN8035 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.4
Features
• 5-CH Balanced Transformerless (BTL) Driver
• 1-CH (Forward Reverse) Control DC Motor Driver
• Operating Supply Voltage (4.5 V ~ 13.2 V)
• Built in Thermal Shut Down Circuit (TSD)
• Built in Channel Mute Circuit
• Built in Power Save Mode Circuit
• Built in TSD Monitor Circuit
• Built in 2-OP AMPs
Description
The FAN8035 is a monolithic integrated circuit suitable for
a 6-CH motor driver which drives the tracking actuator,
focus actuator, sled motor, spindle motor, and tray motor of
the CDP/CAR-CD/DVDP systems.
48-QFPH-1414
Typical Application
• Compact Disk Player
• Video Compact Disk Player
• Car Compact Disk Player
• Digital Video Disk Player
FAN8035
6-CH Motor Driver
Ordering Information
Note:
NL : Lead free Type
Device
Package
Operating Temperature
FAN8035
48-QFPH-1414
-35
°C ~ +85°C
FAN8035L
48-QFPH-1414
-35
°C ~ +85°C
FAN8035_NLnote 48-QFPH-1414
-35
°C ~ +85°C


Similar Part No. - FAN8035

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
More results

Similar Description - FAN8035

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
FAN8741 FAIRCHILD-FAN8741 Datasheet
541Kb / 23P
   Spindle Motor and 6-CH Driver
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
   4-CH Motor Driver
FAN8037 FAIRCHILD-FAN8037 Datasheet
385Kb / 23P
   7-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
   4-CH Motor Driver
FAN8039BD3 FAIRCHILD-FAN8039BD3 Datasheet
291Kb / 16P
   5-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com