Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H11D1 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. H11D1
Description  HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11D1 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  H11D1 Datasheet HTML 1Page - Fairchild Semiconductor H11D1 Datasheet HTML 2Page - Fairchild Semiconductor H11D1 Datasheet HTML 3Page - Fairchild Semiconductor H11D1 Datasheet HTML 4Page - Fairchild Semiconductor H11D1 Datasheet HTML 5Page - Fairchild Semiconductor H11D1 Datasheet HTML 6Page - Fairchild Semiconductor H11D1 Datasheet HTML 7Page - Fairchild Semiconductor H11D1 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TA - AMBIENT TEMPERATURE (˚C)
Fig.3 Normalized Output Current vs. LED Input Current
IF - LED INPUT CURRENT (mA)
110
0.01
0.1
1
10
Normalized to:
VCE = 10 V
IF = 10 mA
RBE = 106
TA = 25˚C
TA - AMBIENT TEMPERATURE (˚C)
Fig.4 Normalized Output Current vs. Temperature
-60
-40
-20
0
20
40
60
80
100
0.1
1
Normalized to:
VCE = 10 V
IF = 10 mA
RBE = 106
TA = 25˚C
IF = 10 mA
IF = 5 mA
IF = 20 mA
TA - AMBIENT TEMPERATURE (˚C)
Normalized Collector-Base Current vs. Temperature
-60
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
7
8
9
10
Normalized to:
VCE = 10 V
IF = 10 mA
RBE = 106
TA = 25˚C
IF = 50 mA
IF = 10 mA
IF = 5 mA
Fig.5 Normalized Dark Current vs. Ambient Temperature
10
20
30
40
50
60
70
80
90
100
110
0.1
1
10
100
1000
10000
VCE = 300 V
VCE = 100 V
VCE = 50 V
Normalized to:
VCE = 100 V
RBE = 106
TA = 25˚C
8/9/00
200046A
H11D1, H11D2, H11D3, H11D4, 4N38
HIGH VOLTAGE
PHOTOTRANSISTOR OPTOCOUPLERS


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn