Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H11D1 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. H11D1
Description  HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11D1 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  H11D1 Datasheet HTML 1Page - Fairchild Semiconductor H11D1 Datasheet HTML 2Page - Fairchild Semiconductor H11D1 Datasheet HTML 3Page - Fairchild Semiconductor H11D1 Datasheet HTML 4Page - Fairchild Semiconductor H11D1 Datasheet HTML 5Page - Fairchild Semiconductor H11D1 Datasheet HTML 6Page - Fairchild Semiconductor H11D1 Datasheet HTML 7Page - Fairchild Semiconductor H11D1 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VCE - COLLECTOR VOLTAGE (V)
Fig.2 Normalized Output Characteristics
0.1
1
10
100
0.01
0.1
1
10
Normalized to:
VCE = 10 V
IF = 10 mA
RBE = 106
TA = 25˚C
IF = 50 mA
IF = 5 mA
IF = 10 mA
IF - LED FORWARDCURRENT (mA)
Fig.1 LED Forward Voltage vs. Forward Current
1
10
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = 55˚C
TA = 25˚C
TA = 100˚C
8/9/00
200046A
H11D1, H11D2, H11D3, H11D4, 4N38
HIGH VOLTAGE
PHOTOTRANSISTOR OPTOCOUPLERS
DC Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
EMITTER
H11D1
Current Transfer Ratio
(IF = 10 mA, VCE = 10 V)
H11D2
2 (20)
Collector to Emitter
(RBE = 1 M")
CTR
H11D3
mA (%)
H11D4
1 (10)
(IF = 10 mA, VCE = 10 V)
4N38
2 (20)
(IF = 10 mA, IC = 0.5 mA)
H11D1/2/3/4
0.1
0.40
*Saturation Voltage
(RBE = 1 M")VCE (SAT)
V
(IF = 20 mA, IC = 4 mA)
4N38
1.0
TRANSFER CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
SWITCHING TIMES
(VCE =10 V, ICE = 2 mA)
ton
ALL
5
Non-Saturated Turn-on Time
µs
Turn-off Time
(RL = 100 ")
toff
ALL
5
TRANSFER CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
Isolation Voltage
(II-O #$1 µA, 1 min.)
VISO
ALL
5300
(VACRMS)
7500
(VACPEAK)
Isolation Resistance
(VI-O = 500 VDC)
RISO
ALL
1011
"
Isolation Capacitance
(f = 1 MHz)
CISO
ALL
0.5
pF
ISOLATION CHARACTERISTICS
Notes
* Parameters meet or exceed JEDEC registered data (for 4N38 only)
** All typical values at TA = 25°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn