Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-CX2B Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CX2B
Description  New 5mm Blue and Green LED Lamps High luminous output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CX2B Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CX2B Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CX2B Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CX2B Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CX2B Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CX2B Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CX2B Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CX2B Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CX2B Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CX2B Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Part Numbering System
Note: please refer to AB 5337 for complete information on part numbering system
Packaging Option
DD: Ammo Pack
Color Bin Selection
0: Full Distribution
B: Color Bin 2 & 3
C: Color Bin 3 & 4
Maximum Intensity Bin
0: No maximum intensity limit (refer to selection guide)
Minimum Intensity Bin
Refer to Device Selection Guide
Viewing Angle and Lead Standoffs
1A: 15° without lead standoff
1B: 15° with lead standoff
2A: 23° without lead standoff
2B: 23° with lead standoff
3A: 30° without lead standoff
3B: 30° with lead standoff
Color
B: Blue 470
M: Green 525
HLMP C x xx
x x x xx
Absolute Maximum Ratings
TJ = 25°C
Parameter
Blue / Green
Unit
DC Forward Current [1]
30
mA
Peak Forward Current
100 [2]
mA
Power Dissipation
116
mW
Reverse Voltage
5
V
LED Junction Temperature
110
°C
Operating Temperature Range
-40 to + 85
°C
Storage Temperature Range
-40 to + 100
°C
Notes:
1. Derate linearly as shown in figure 4.
2. Duty Factor 10%, frequency 1KHz.


Similar Part No. - HLMP-CX2B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Cx2B AVAGO-HLMP-Cx2B Datasheet
236Kb / 11P
   New 5mm Blue and Green LED Lamps
logo
Broadcom Corporation.
HLMP-CX2B BOARDCOM-HLMP-CX2B Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
More results

Similar Description - HLMP-CX2B

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-CX1A BOARDCOM-HLMP-CX1A Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM1A-450DD AVAGO-HLMP-CM1A-450DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
HLMP-CX1A AVAGO-HLMP-CX1A Datasheet
236Kb / 11P
   New 5mm Blue and Green LED Lamps
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
Cree, Inc
C503B-WAN CREE-C503B-WAN Datasheet
670Kb / 9P
   5mm Round LED Luminous Intensity
logo
OptoSupply Internationa...
OSGGD25111E OPTOSUPPLY-OSGGD25111E Datasheet
112Kb / 1P
   5mm Round Green & Green LED Long Lifetime Operation High Luminous LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EGXX AVAGO-HLMP-EGXX Datasheet
487Kb / 11P
   New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
A-BRIGHT Inc
AL-50-30SUB5C A-BRIGHT-AL-50-30SUB5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
AL-50-30SUG5C A-BRIGHT-AL-50-30SUG5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com