Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQT1N60C Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FQT1N60C
Description  N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQT1N60C Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FQT1N60C Datasheet HTML 1Page - Fairchild Semiconductor FQT1N60C Datasheet HTML 2Page - Fairchild Semiconductor FQT1N60C Datasheet HTML 3Page - Fairchild Semiconductor FQT1N60C Datasheet HTML 4Page - Fairchild Semiconductor FQT1N60C Datasheet HTML 5Page - Fairchild Semiconductor FQT1N60C Datasheet HTML 6Page - Fairchild Semiconductor FQT1N60C Datasheet HTML 7Page - Fairchild Semiconductor FQT1N60C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.fairchildsemi.com
7
Mechanical Dimensions
3.00
±0.10
0.70
±0.10
4.60
±0.25
6.50
±0.20
(0.95)
(0.95)
2.30 TYP
0.25
MAX1.80
0°~10
°
+0.10
–0.05
0.06
+0.04
–0.02
SOT-223
©2007 Fairchild Semiconductor Corporation
FQT1N60C Rev.
C0


Similar Part No. - FQT1N60C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQT1N80 FAIRCHILD-FQT1N80 Datasheet
802Kb / 8P
   N-Channel MOSFET
FQT1N80TF FAIRCHILD-FQT1N80TF Datasheet
814Kb / 8P
   N-Channel MOSFET 800V, 0.2A, 20
FQT1N80TFWS FAIRCHILD-FQT1N80TFWS Datasheet
802Kb / 8P
   N-Channel MOSFET
More results

Similar Description - FQT1N60C

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDP12N50 MGCHIP-MDP12N50 Datasheet
772Kb / 6P
   N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
MDF12N50 MGCHIP-MDF12N50 Datasheet
779Kb / 8P
   N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
logo
Fairchild Semiconductor
FQU5N40TU FAIRCHILD-FQU5N40TU Datasheet
735Kb / 9P
   N-Channel QFET MOSFET 400 V, 3.4 A, 1.6 Ohm
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
FQN1N50CTA FAIRCHILD-FQN1N50CTA Datasheet
3Mb / 8P
   N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
FQPF9N90CT FAIRCHILD-FQPF9N90CT Datasheet
1Mb / 10P
   N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
FQA11N90C-F109 FAIRCHILD-FQA11N90C-F109 Datasheet
1Mb / 8P
   FQA11N90C_F109 N-Channel QFET MOSFET 900 V, 11 A, 1.1 Ohm
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com