Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL-M2ME1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # TL-M2ME1
Description  As Easy To Install as a Microswitch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-M2ME1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  TL-M2ME1 Datasheet HTML 1Page - Omron Electronics LLC TL-M2ME1 Datasheet HTML 2Page - Omron Electronics LLC TL-M2ME1 Datasheet HTML 3Page - Omron Electronics LLC TL-M2ME1 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TL-M
2
Engineering Data (Typical)
Item
Model
TL-M2ME1, TL-M2ME2, TL-M2MY1
TL-M5ME1, TL-M5ME2, TL-M5MY1
Temperature influence
±10% max. of sensing distance at 23°C in the temperature range of −25 to 70°C
Voltage influence
E Models:
±2.5% max. of sensing distance at rated voltage in the rated voltage ±15% range
Y Models:
±1% max. of sensing distance at rated voltage in the rated voltage ±10% range
Insulation resistance
50 M
Ω min. (at 500 VDC) between current-carrying parts and case
Dielectric strength
E Models: 500 VAC, 50/60 Hz for 1 min between current-carrying parts and case
Y Models: 2,000 VAC, 50/60 Hz for 1 min between current-carrying parts and case
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 10 times each in X, Y, and Z directions
Degree of protection
IEC 60529 IP67, in-house standards: oil-resistant
Connection method
Pre-wired Models (Standard cable length: 2 m)
Weight (packed state)
Approx. 75 g
Materials
Case
Heat-resistant ABS
Sensing surface
Accessories
Instruction manual
Sensing Area
Leakage Current
TL-M2
@/M5@
TL-M
@MY1
Influence of Sensing Object Size and Material
TL-M2ME
TL-M2MY1
TL-M5M
X
6
5
4
3
2
1
0
−4
−6
−8
Y
8
6
4
2
0
−2
TL-M5M
Standard sensing
object
Iron, 15
× 15
t = 1 mm
TL-M2M
Standard
sensing
object
Iron, 12
× 12
t = 1 mm
Sensing Head
Distance Y
(mm)
3
2
100
150
90
0
1
6
5
4
A
250
200
Power supply voltage (V)
Protective resistance
AC power
1.0
0.5
0
2.5
2.0
1.5
50
40
30
20
10
X
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Stainless steel
(SUS304)
Note: Does not operate for brass or aluminum.
Iron
1.0
0.5
20
10
0
2.5
2.0
1.5
X
50
40
30
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Stainless steel
(SUS304)
Aluminum
Iron
Brass
2
1
10
0
6
5
4
3
60
50
40
30
20
X
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Stainless steel (SUS304)
Aluminum
Iron
Brass


Similar Part No. - TL-M2ME1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
TL-M2ME12M OMRON-TL-M2ME12M Datasheet
281Kb / 5P
   As Easy To Install as a Microswitch
More results

Similar Description - TL-M2ME1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
TLM2ME2 OMRON-TLM2ME2 Datasheet
281Kb / 5P
   As Easy To Install as a Microswitch
logo
Abracon Corporation
APAMP-112 ABRACON-APAMP-112 Datasheet
3Mb / 3P
   Easy to install
10.27.14
logo
Ohmite Mfg. Co.
RES-TC-PECOS OHMITE-RES-TC-PECOS Datasheet
121Kb / 1P
   Easy to Install
logo
List of Unclassifed Man...
SM1EZSM4T ETC-SM1EZSM4T Datasheet
844Kb / 1P
   Easy Install Speakers
logo
Omron Electronics LLC
V600-HAM42-DRT OMRON-V600-HAM42-DRT Datasheet
860Kb / 12P
   An RFID system that is as easy and simple to use as a sensor. No programming required.
logo
PHOENIX CONTACT
2130046 PHOENIX-2130046 Datasheet
181Kb / 6P
   UHV240-AS/AS
2130017 PHOENIX-2130017 Datasheet
182Kb / 6P
   UHV 50-AS/AS
2130004 PHOENIX-2130004 Datasheet
201Kb / 6P
   UHV 25-AS/AS
logo
Xilinx, Inc
DS092 XILINX-DS092 Datasheet
96Kb / 12P
   As fast as 4.0 ns pin-to-pin logic delays
logo
Renesas Technology Corp
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com