Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-33143 Datasheet(PDF) 17 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ATF-33143
Description  Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package Low Noise Figure
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-33143 Datasheet(HTML) 17 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-33143 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
Package Dimensions
SC-70 4L/SOT-343
Part Number Ordering Information
No. of
Part Number
Devices
Container
ATF-35143-TR1G
3000
7” Reel
ATF-35143-TR2G
10000
13” Reel
ATF-35143-BLKG
100
antistatic bag
HE
D
A2
A1
b
b1
E
1.30 (.051)
BSC
1.15 (.045) BSC
C
L
A
DIMENSIONS (mm)
MIN.
1.15
1.85
1.80
0.80
0.80
0.00
0.15
0.55
0.10
0.10
MAX.
1.35
2.25
2.40
1.10
1.00
0.10
0.40
0.70
0.20
0.46
SYMBOL
E
D
HE
A
A2
A1
b
b1
c
L
NOTES:
1. All dimensions are in mm.
2. Dimensions are inclusive of plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to EIAJ SC70.
5. Die is facing up for mold and facing down for trim/form,
ie: reverse trim/form.
6. Package surface to be mirror finish.
Recommended PCB Pad Layout for
Avago’s SC70 4L/SOT-343 Products
1.30
0.051
0.60
0.024
0.9
0.035
Dimensions in
mm
inches
1.15
0.045
2.00
0.079
1.00
0.039


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn