Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-33143 Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ATF-33143
Description  Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package Low Noise Figure
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-33143 Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-33143 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ATF-33143 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
ATF-35143 Typical Noise Parameters
VDS = 3 V, IDS = 30 mA
Freq.
Fmin
opt
Rn/50
Ga
GHz
dB
Mag.
Ang.
-
dB
0.5
0.11
0.87
3.5
0.18
21.6
0.9
0.16
0.81
12.5
0.17
20.5
1.0
0.17
0.79
14.7
0.17
20.2
1.5
0.23
0.72
25.9
0.16
18.9
1.8
0.27
0.68
32.6
0.15
18.3
2.0
0.28
0.65
37.1
0.15
17.9
2.5
0.35
0.59
49.3
0.14
17.0
3.0
0.41
0.53
62.5
0.12
16.3
4.0
0.53
0.43
91.6
0.09
14.9
5.0
0.66
0.37
123.4
0.07
13.6
6.0
0.79
0.33
157.1
0.05
12.4
7.0
0.91
0.31
-168.3
0.06
11.4
8.0
1.04
0.31
-133.7
0.10
10.6
9.0
1.17
0.33
-100.0
0.17
9.9
10.0
1.29
0.38
-68.1
0.28
9.3
FREQUENCY (GHz)
Figure 24. MSG/MAG and |S21|2 vs. Frequency at 3 V, 30 mA.
020
510
15
MSG
MAG
S21
30
25
20
15
10
5
0
-5
Notes:
1. Fmin values at 2 GHz and higher are based on measurements while the Fmins below 2 GHz have been extrapolated. The Fmin values are based on
a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these measurements a true Fmin is
calculated. Refer to the noise parameter application section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end
of the gate lead. The output reference plane is at the end of the drain lead. The parameters include the effect of four plated through via holes
connecting source landing pads on top of the test carrier to the microstrip ground plane on the bottom side of the carrier. Two 0.020 inch
diameter via holes are placed within 0.010 inch from each source lead contact point, one via on each side of that point.
ATF-35143 Typical Scattering Parameters, V
DS = 3 V, IDS = 30 mA
Freq.
S11
S21
S12
S22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
dB
0.50
0.99
-21.01
18.45
8.36
163.08
-33.98
0.020
76.89
0.53
-15.23
26.21
0.75
0.96
-32.39
18.29
8.21
153.62
-30.46
0.030
69.94
0.51
-21.01
24.36
1.00
0.93
-42.42
18.03
7.97
145.49
-28.40
0.038
64.80
0.50
-27.72
23.22
1.50
0.88
-61.18
17.42
7.43
130.11
-25.35
0.054
54.32
0.47
-40.61
21.39
1.75
0.85
-70.01
17.09
7.15
122.91
-24.44
0.060
49.77
0.45
-46.56
20.72
2.00
0.82
-78.57
16.74
6.87
116.00
-23.61
0.066
45.15
0.43
-52.43
20.17
2.50
0.76
-95.09
16.03
6.33
102.87
-22.38
0.076
36.87
0.40
-63.37
19.21
3.00
0.70
-111.30
15.32
5.83
90.60
-21.41
0.085
29.08
0.37
-73.44
18.36
4.00
0.61
-143.48
13.93
4.97
68.04
-20.26
0.097
14.96
0.31
-91.21
17.10
5.00
0.56
-174.00
12.65
4.29
47.37
-19.58
0.105
2.38
0.25
-108.94
16.11
6.00
0.54
157.98
11.50
3.76
28.09
-19.02
0.112
-10.00
0.19
-128.04
15.26
7.00
0.54
130.06
10.42
3.32
9.32
-18.64
0.117
-22.21
0.14
-151.53
13.78
8.00
0.55
105.20
9.42
2.96
-8.66
-18.34
0.121
-32.79
0.11
179.40
12.10
9.00
0.59
82.53
8.39
2.63
-26.26
-18.06
0.125
-44.11
0.09
138.30
11.00
10.00
0.63
63.18
7.49
2.37
-43.25
-17.79
0.129
-54.57
0.09
95.15
10.36
11.00
0.67
44.96
6.56
2.13
-60.82
-17.52
0.133
-66.16
0.14
62.17
9.76
12.00
0.71
26.64
5.58
1.90
-78.23
-17.46
0.134
-78.18
0.20
39.86
9.05
13.00
0.74
7.94
4.46
1.67
-95.07
-17.65
0.131
-89.74
0.27
23.41
8.14
14.00
0.77
-5.53
3.36
1.47
-110.42
-17.86
0.128
-99.72
0.34
5.08
7.40
15.00
0.82
-16.02
2.33
1.31
-125.79
-17.99
0.126
-109.60
0.39
-11.42
7.41
16.00
0.82
-28.09
1.25
1.16
-141.72
-18.06
0.125
-120.39
0.46
-25.74
6.44
17.00
0.85
-40.02
0.23
1.03
-156.00
-18.06
0.125
-131.03
0.51
-35.29
6.19
18.00
0.87
-55.63
-0.85
0.91
-171.48
-18.49
0.119
-141.69
0.57
-46.81
5.71


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn