Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H11AA814 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. H11AA814
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11AA814 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  H11AA814 Datasheet HTML 1Page - Fairchild Semiconductor H11AA814 Datasheet HTML 2Page - Fairchild Semiconductor H11AA814 Datasheet HTML 3Page - Fairchild Semiconductor H11AA814 Datasheet HTML 4Page - Fairchild Semiconductor H11AA814 Datasheet HTML 5Page - Fairchild Semiconductor H11AA814 Datasheet HTML 6Page - Fairchild Semiconductor H11AA814 Datasheet HTML 7Page - Fairchild Semiconductor H11AA814 Datasheet HTML 8Page - Fairchild Semiconductor H11AA814 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
4/24/03
Page 3 of 9
© 2003 Fairchild Semiconductor Corporation
4-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
H11AA814 SERIES
H11A617 SERIES
H11A817 SERIES
*Typical values at TA = 25°C.
NOTES
1. Current Transfer Ratio (CTR) = IC/IF x 100%.
2. For test circuit setup and waveforms, refer to Figure 8.
3. For this test, Pins 1 and 2 are common, and Pins 3 and 4 are common.
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
DC Characteristic
Test Conditions
Symbol
Device
Min
Typ*
Max
Unit
Current Transfer
Ratio
(IF = ±1 mA, VCE = 5 V) (note 1)
CTR
H11AA814
20
300
%
(IF = ±1 mA, VCE = 5 V) (note 1)
H11AA814A
50
150
%
(IF = 10 mA, VCE = 5 V) (note 1)
H11A617A
40
80
%
H11A617B
63
125
%
H11A617C
100
200
%
H11A617D
160
320
%
(IF = 5 mA, VCE = 5 V) (note 1)
H11A817
50
600
%
H11A817A
80
160
%
H11A817B
130
260
%
H11A817C
200
400
%
H11A817D
300
600
%
(IF = 1 mA, VCE = 5 V) (note 1)
H11A617A
13
%
H11A617B
22
%
H11A617C
34
%
H11A617D
56
%
Collector-Emitter
Saturation Voltage
(IC = 1 mA, IF = ±20 mA)
(IC = 2.5 mA, IF = 10 mA)
(IC = 1 mA, IF = 20 mA)
VCE (SAT)
H11AA814/A
0.2
V
H11A617A/B/C/D
0.4
H11A817/A/B/C/D
0.2
AC Characteristic
Rise Time
(IC = 2 mA, VCE = 2 V, RL = 100V) (note 2)
tr
ALL
2.4
18
µs
Fall Time
(IC = 2 mA, VCE = 2 V, RL = 100V) (note 2)
tf
ALL
2.4
18
µs
ISOLATION CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ*
Max
Units
Input-Output Isolation Voltage (note 3)
f = 60Hz, t = 1 min
VISO
5300
Vac(rms)
Isolation Resistance
(VI-O = 500 VDC)
RISO
1011
Isolation Capacitance
(VI-O = 0, f = 1 MHz)
CISO
0.5
pf


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn