Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N139 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # 6N139
Description  Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N139 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 6N139 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Electrical Specifications
0°C ≤ TA ≤ 70°C, 4.5 V ≤ VCC ≤ 18 V, 0.5 mA ≤ IF(ON) ≤ 12 mA, 0 V ≤ VF(OFF) ≤ 0.8 V, unless otherwise specified.
All Typicals at TA = 25°C. See Note 7.
Parameter
Sym.
Device
Min.
Typ.**
Max.
Units
Test ConditionsFig.
Note
Current Transfer
CTR
6N139
400*
2000
5000
%
IF = 0.5 mA
VCC = 4.5
2, 3
1, 2,
Ratio
HCPL-0701
VO = 0.4 V
4
HCNW139
400
4500
6N139
500*
1600
2600
IF = 1.6 mA
HCPL-0701
HCNW139
500
3000
300
1600
IF = 5.0 mA
200
850
IF = 12 mA
6N138
300*
1600
2600
I
F = 1.6 mA
HCPL-0700
HCNW138
1500
Logic Low Output
VOL
6N139
0.1
0.4
V
IF = 0.5 mA,
VCC = 4.5
1
2
Voltage
HCPL-0701
IO = 2 mA
HCNW139
IF = 1.6 mA,
IO = 8 mA
IF = 5.0 mA,
IO = 15 mA
0.2
IF = 12 mA,
IO = 24 mA
6N138
0.1
IF = 1.6 mA,
HCPL-0700
IO = 4.8 mA
HCNW138
Logic High
IOH
6N139
0.05
100
μA
VO = VCC= 18 V
IF = 0 mA
2
Output Current
HCPL-0701
HCNW139
6N138
0.1
250
VO = VCC= 7 V
HCPL-0700
HCNW138
Logic Low Supply
ICCL
6N138/139
0.4
1.5
mA
IF = 1.6 mA, VO = Open,
10
2
Current
HCPL-0701/
VCC = 18 V
0700
HCNW139
0.5
2
HCNW138
Logic High
ICCH
6N138/139
0.01
10
μA
IF = 0 mA, VO = Open,
2
Supply Current
HCPL-0701/
VCC = 18 V
0700
HCNW139
1
HCNW138
Input Forward
VF
6N138
1.25
1.40
1.7*
V
TA = 25°C
IF = 1.6 mA
4, 8
Voltage
6N139
HCPL-0701
1.75
HCPL-0700
HCNW139
1.0
1.45
1.85
TA = 25°C
HCNW138
0.95
1.95
Input Reverse
BVR
5.0*
V
IR = 10 μA, TA = 25°C
HCNW139
3.0
IR = 100 μA, TA = 25°C
HCNW138
Temperature
ΔVF
-1.8
mV/°C
IF = 1.6 mA
8
Coefficient of
ΔTA
Forward Voltage
Input
CIN
60
pF
f = 1 MHz, VF = 0 V
Capacitance
HCNW139
90
HCNW138
* JEDEC Registered Data for 6N139 and 6N138.
**All typical values at T
A = 25°C and VCC = 5 V, unless otherwise noted.
Breakdown Voltage


Similar Part No. - 6N139

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
Fairchild Semiconductor
6N139 FAIRCHILD-6N139 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Vishay Siliconix
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
   High Speed Optocoupler, 100 kBd, Low Input Current,
Rev. 1.6, 23-Jan-15
logo
QT Optoelectronics
6N139 QT-6N139 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
202Kb / 6P
   GaA?밃s Ired & Photo IC Current Loop Driver.
More results

Similar Description - 6N139

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2730 HP-HCPL-2730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2730-000E AVAGO-HCPL-2730-000E Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com