Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFBR-772BHWZ Datasheet(PDF) 25 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HFBR-772BHWZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-772BHWZ Datasheet(HTML) 25 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-772BHWZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
HFBR-772BxxxZ and HFBR-782BxxZ
Pluggable Parallel Fiber Optic Modules,
Transmitter and Receiver
Datasheet Addendum
Description
The HFBR-772BxxxZ transmitter and HFBR-782Bxxz receiver are high performance fiber optic modules for parallel
optical data communications applications. These 12 channels devices are optimized for short reach optical link ap-
plications requiring data transfer rates of up to 2.7 Gb/s per channel. For applications requiring higher data rates, the
HFBR-772BxxxZ and HFBR-782Bxxz can be operated at 3.125 Gb/s with reduced link length and marginally increased
link contributed jitter. This data sheet addendum highlights the changes to maximum link distance and contributed
jitter that can be expected when operating at 3.125 Gb/s.
Table 1. Modified Module Specifications @ 3.125 Gb/s
Description
Symbol
Maximum
Average
Minimum
Units
Notes
Link Distance (500 MHz.km)
220
m
300 m max @ 2.5 Gb/s
Link Distance (2000 MHz.km)
400
m
600 m max @ 2.5 Gb/s
TX Contributed Deterministic Jitter
DJ
70
30
ps
60 ps @ 2.5 Gb/s
TX Contributed Total Jitter
TJ
130
70
ps
120 ps @ 2.5 Gb/s
RX Input Optical Power Sensitivity
Pin Min
-14
-16.5
dBm avg
-16 dBm max @2.5 Gb/s
Stressed RX Eye Opening
180
110
ps
120ps min @ 2.5 Gb/s
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2013 Avago Technologies. All rights reserved. Addendum to
AV02-1158EN - January 29, 2013
Patent - www.avagotech.com/patents


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn