Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFBR-772BHWZ Datasheet(PDF) 19 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HFBR-772BHWZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-772BHWZ Datasheet(HTML) 19 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-772BHWZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19
TX OUT 0
TX OUT 1
TX OUT 2
TX OUT 11
~4.2 ms
(Ton)
~55 ms
SHUTDOWN
NORMAL
~4.6 ms
~4.6 ms
> 100 ns
~5 µs (Toff)
FAULT
RESET
TX OUT CH 0
TX OUT CH 1
TX OUT
CH 11
~4.2 ms
(Ton)
~55 ms
~4.6 ms
TX_EN
~5 µs (Toff)
SHUTDOWN
NORMAL
TX OUT
CH 0-11
(a)
TX_DIS
~5 µs (Toff)
SHUTDOWN
NORMAL
TX OUT
CH 0-11
(b)
TX_EN [1]
NOTE [1]: TX_DIS, WHICH IS
NOT SHOWN, IS THE
FUNCTIONAL COMPLIMENT
OF TX_EN.
(c)
Figure 14. Transmitter RESET timing diagram.
Figure 15. Transmitter TX_EN and TX_DIS timing diagram.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn