Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFBR-772BHWZ Datasheet(PDF) 18 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HFBR-772BHWZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-772BHWZ Datasheet(HTML) 18 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-772BHWZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
18
Figure 10. Rx data output equivalent circuit.
VCC
TX OUT 0
TX OUT 1
TX OUT 2
TX OUT 11
~6.5 ms
~60 ms
VCC> 2.8 V
SHUTDOWN
SHUTDOWN
SHUTDOWN
SHUTDOWN
NORMAL
NORMAL
NORMAL
NORMAL
~4.6 ms
~4.6 ms
-FAULT
~100 ns
~Toff
<200 µs
TX OUT CH 0-11
NO FAULT DETECTED
FAULT DETECTED
VCCR
50
50
VEE
DOUT+
DOUT–
DIN+
50
DIN–
50
ZIN
VBIAS
(NOMINAL 1.7 V)
VCCT
VEE
Figure 11. Tx data input equivalent circuit.
Figure 13. Transmitter FAULT signal timing diagram.
Figure 12. Typical transmitter power-up sequence.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn