Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFBR-772BHWZ Datasheet(PDF) 17 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HFBR-772BHWZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-772BHWZ Datasheet(HTML) 17 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-772BHWZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17
Figure 9. Package board footprint (dimensions in mm). PCB top view.
Note: The host electrical connector attached to the PCB must be a 100-position FCI Meg-Array Plug (FCI PN: 84512-102) or
equivalent.
2 x
∅2.54 MIN. PAD KEEP-OUT
18.42 MIN.
13.72
50
KEEP-OUT AREA
FOR MPO CONNECTOR
5.46
30.23
1.89 REF.
8.00
9 x 1.27 TOT = 11.43
8.95 REF.
FRONT
SYM.
9 x 1.27 TOT = 11.43
18 REF.
SYM.
END OF
MODULE
2 x
∅1.7 ± 0.05 HOLES
3 x
∅4.17 MIN. PAD KEEP-OUT
3 x
∅2.69 ± 0.05 HOLES
FOR #2 SCREW
(10 x 10 =) 100 x
∅0.58 ± 0.05 PADS
PCB LAYOUT
(TOP VIEW)
100 PIN FCI
MEG-Array® RECEPTACLE
CONNECTORS
Rx
Tx
Æ 0.1 A B-C
∅0.1 A B-C
Æ 0.1 A B-C
Æ 0.1 A B-C
B
A
C
∅0.05 A B-C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn