Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFBR-772BHWZ Datasheet(PDF) 16 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HFBR-772BHWZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-772BHWZ Datasheet(HTML) 16 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-772BHWZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16
Figure 7. Recommended ac coupling and data signal termination.
NOTE:
AC coupling capacitors should be used to connect data outputs to data inputs between
the HFBR-772BWZ, HFBR-782BZ, and host board ICs (eg ASIC) with either 50
Ω single
ended or 100
differential terminations as shown. The capacitors' value can be reduced
from 100 nF (0603 size) if the data rate and run length are limited.
DATA OUT (+)
HFBR-772BWZ
R
50
DATA OUT (–)
R
50
R
100
ASIC
HFBR-782BZ
RDL
100
DOUT (+)
DOUT (–)
C = 100 nF
C = 100 nF
C = 100 nF
C = 100 nF
Unused receiver
channel outputs
must be terminated
D IN+
D IN–
TRANSMITTER
∆V DIN
+
D OUT+
D OUT–
RECEIVER
+
∆V DOUT
∆V DI/OH
∆V DI/OL
V DI/O+
V DI/O–
D V DI/O P-P
∆V DI/OL
+
∆V DI/OH
VDI/O REFERS TO
EITHER VDIN OR VDOUT
AS APPROPRIATE
Figure 8. Differential signals.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn