Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFBR-772BHWZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HFBR-772BHWZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-772BHWZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-772BHWZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Features
RoHS Compliant
Low cost per Gb/s
High package density per Gb/s
3.3 volt power supply for low power consumption
850 nm VCSEL array source
12 independent channels per module
Separate transmitter and receiver modules
2.7 Gbd data rate per channel
Standard MTP® (MPO) ribbon fiber connector inter-
face
Pluggable package
50/125 micron multimode fiber operation:
Distance up to 300 m with 500 MHz.km fiber at 2.5 Gbd
Distance up to 600 m with 2000 MHz.km fiber at 2.5 Gbd
Data I/O is CML compatible
Control I/O is LVTTL compatible
Manufactured in an ISO 9002 certified facility
OrderingInformation
The HFBR-772BWZ and HFBR-782BZ products are available
for production orders through the Avago Component Field
Sales office.
HFBR-772BWZ
No EMI Nose Shield
HFBR-782BZ
No EMI Nose Shield
HFBR-772BEWZ
With Extended EMI Nose Shield
HFBR-782BEZ
With Extended EMI Nose Shield
HFBR-772BHWZ
No Heatsink, No EMI Nose Shield
HFBR-782BHZ
No Heatsink, No Nose Shield
HFBR-772BEPWZ
With Extended EMI Nose Shield,
With “flush pin-fin” Heatsink
HFBR-782BEPZ
With Extended EMI Nose Shield,
With “flush pin-fin” Heatsink
Description
The HFBR-772BWZ transmitter and HFBR-782BZ receiver
are high performance fiber optic modules for parallel op-
tical data communication applications. These 12-channel
devices, operating up to 2.7 Gbd per channel, provide a
cost effective solution for short-reach applications requir-
ing up to 32 Gb/s aggregate bandwidth. These modules
are designed to operate on multimode fiber systems at
a nominal wavelength of 850 nm. They incorporate high
performance, highly reliable, short wavelength optical
devices coupled with proven circuit technology to pro-
vide long life and consistent service.
The HFBR-772BWZ transmitter module incorporates a
12- channel VCSEL (Vertical Cavity Surface Emitting La-
ser) array together with a custom 12-channel laser driver
integrated circuit providing IEC-60825 and CDRH Class
1M laser eye safety.
The HFBR-782BZ receiver module contains a 12-channel
PIN photodiode array coupled with a custom preamplifier
/ post amplifier integrated circuit.
Operating from a single +3.3 V power supply, both mod-
ules provide LVTTL or LVCMOS control interfaces and
Current Mode Logic (CML) compatible data interfaces to
simplify external circuitry.
The transmitter and receiver devices are housed in MTP®/
MPO receptacled packages. Electrical connections to the
devices are achieved by means of a pluggable 10 x 10
connector array.
Applications
Datacom switch and router backplane connections
Telecom switch and router backplane connections
InfiniBand connections
HFBR-772BWZ/BEWZ/BHWZ/BEPWZ and
HFBR-782BZ/BEZ/BHZ/BEPZ
Pluggable Parallel Fiber Optic Modules,
Transmitter and Receiver
Data Sheet
Patent - www.avagotech.com/patents


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn