Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFBR-772BHWZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HFBR-772BHWZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-772BHWZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-772BHWZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BHWZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Receiver Electrical Characteristics
(TC = 0 °C to +80 °C,VCC = 3.3V ± 5%,TypicalTC= +40 °C,VCC = 3.3V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
(Conditions)
Supply Current
ICCR
400
445
mA
1, Fig. 5
Power Dissipation
PDISR
1.3
1.55
W
Differential Output Impedance
ZOUT
80
100
120
W
2, Fig. 8, 10
Data Output Differential
Peak-to-Peak Voltage Swing
DVDOUTP-P
450
600
750
mVP-P
3, Figs. 7, 8
Inter-channel Skew
100
150
ps
4
Differential Data Output Rise/Fall Time
tr/tf
110
150
ps
5
Signal Detect
Assert Time (OFF-to-ON)
De-assert Time (ON-to-OFF)
tSDA
tSDD
170
190
µs
µs
6
7
Control I/O
Output Voltage LowLVTTL & LVCMOS
Output Voltage HighCompatible
VOL
VOH
VEE
2.5
3.1
0.4
VCC
V
V
(IOL = 4.0 mA)
(IOH = -0.5 mA)
Notes:
1. ICCR is the dc supply current, dependent upon the number of active channels, where the Data Outputs are ac coupled with capacitors be-
tween the outputs and any resistive terminations. See Figure 7 for recommended termination.
2. Measured over the range 4 MHz to 2 GHz.
3. DVDOUTP-P = DVDOUTH – DVDOUTL, where DVDOUTH = High State Differential Data Output Voltage and DVDOUTL = Low State Differential Data
Output Voltage. DVDOUTH and DVDOUTL = VDOUT+ – VDOUT–, measured with a 100 W differential load connected with the recommended cou-
pling capacitors and with a 2500 MBd, 8B10B serial encoded data pattern.
4. Inter-channel Skew is defined for the condition of equal amplitude, zero ps skew input signals. Input power at –10 dBm.
5. Rise and Fall Times are measured between the 20% and 80% levels using a 500 MHz square wave signal.
6. The Signal Detect output will change from logic “0” (Low) to “1” (High) within the specified assert time for a step transition in optical input
power from the de-asserted condition to the specified asserted optical power level on all 12 channels.
7. The Signal Detect output will change from logic “1” (High) to “0” (Low) within the specified de-assert time for a step transition in optical input
power from the specified asserted optical power level to the de-asserted condition on any 1 channel.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn