Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-CM16-WYGDD Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CM16-WYGDD
Description  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM16-WYGDD Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CM16-WYGDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM16-WYGDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM16-WYGDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM16-WYGDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM16-WYGDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM16-WYGDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM16-WYGDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM16-WYGDD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM16-WYGDD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Figure 1. Relative intensity vs. wavelength.
Figure 2 : Forward current vs. forward voltage.
Figure 3. Relative luminous intensity vs. forward current.
Figure 4. Maximum forward current vs. ambient temperature.
Figure 5. Color vs. forward current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
380
430
480
530
580
630
680
730
780
WAVELENGTH - nm
Green
Blue
Cyan
0
5
10
15
20
25
30
35
0
0.5
1
1.5
2
2.5
3
3.5
4
FORWARD VOLTAGE - V
Green/ Cyan
Blue
0
1.5
0.5
IF- FORWARD CURRENT - mA
30
1.0
10
25
20
0
5
15
0
0
TA - AMBIENT TEMPERATURE - oC
40
80
40
35
25
15
10
20
60
100
5
20
30
Figure 6. Spatial radiation pattern – 15° lamps.
Figure 8. Spatial radiation pattern – 30° lamps.
Figure 7. Spatial radiation pattern – 23° lamps.
0
ANGULAR DISPLACEMENT - DEGREES
0.8
0.6
0.2
-30
0.4
10
20
-20
-10
0
3 0
0.9
0.7
0.5
0.3
0.1
1.0
0
ANGLE - DEGREES
0.5
-30
0
30
50
-50
10
-20
-10
20
-40
40
0
ANGULAR DISPLACEMENT - DEGREES
0.8
0.6
0.2
-40
0.4
10
20
-20
-10
0
40
0.9
0.7
0.5
0.3
0.1
-30
30
0.990
0.995
1.000
1.005
1.010
1.015
1.020
1.025
1.030
0
5
10
15
20
25
30
35
DC FORWARD CURRENT - mA
Blue
Cyan
Green


Similar Part No. - HLMP-CM16-WYGDD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM16-WYGXX AVAGO-HLMP-CM16-WYGXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Similar Description - HLMP-CM16-WYGDD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com