Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-C225 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-C225
Description  T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-C225 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-C225 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HLMP-Cx08 Series, HLMP-Cx25 Series
HLMP-Cx27 Series, HLMP-C610
T-13/4 (5 mm) AlInGaP Lamps
Data Sheet
Features
 High intensity
 General purpose leads
 Popular 5 mm diameter
 Available in bulk, tape and reel, or ammopack
 8° or 25° viewing angles
 Choice of colors: Amber or Red
Applications
 Indoor/outdoor applications
 Small store-front signs
 Message panels
 Road construction barrier lights
 Center high mount stop lights
 Spoiler, car decorative lighting
 Motorcycle/bicycle warning lights
Description
The HLMP-Cx08, HLMP-Cx25, HLMP-Cx27, and HLMP-C610
series are 5 mm lamps specially designed for applications
requir-ing very high on-axis intensity that is not achiev-
able with a standard lamp. These devices are capable of
producing light output over a wide range of drive currents.
Built using AlInGaP technology, they are well suited for
typical 5 mm TS-AlGaAs lamp applica-tions, and have
significantly SUPERIOR RELIABILITY than most TS-AlGaAs
lamps in wet/hot environments. These lamps come with
clear non-diffused lens and are optically designed to yield
superior light output.
Device Selection
Part Number
Standoff
Typical Viewing
Angle[1](degrees),
2
1/2
Luminous Intensity,
Iv (mcd) @ 20 mA
Color
Dominant
Wavelength[2]
Min.
Typ.
HLMP-C008-U00xx
No
8
2900
6000
Red
626
HLMP-C208-S00xx
8
2600
3000
Amber
590
HLMP-C608-R00xx
8
1000
2000
Red
635
HLMP-C610-R00xx
Yes
8
1000
2000
Red
635
HLMP-C025-P00xx
No
25
500
1000
Red
626
HLMP-C225-O00xx
25
450
800
Amber
590
HLMP-C625-P00xx
25
500
700
Red
635
HLMP-C027-P00xx
Yes
25
500
1000
Red
626
HLMP-C627-P00xx
25
500
700
Red
635
HLMP-C325-P00xx
No
25
500
Orange
605
Notes:
1.
1/2 is the off-axis angle at which the luminous intensity is half of the axial luminous intensity.
2. The dominant wavelength,
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the
device.


Similar Part No. - HLMP-C225

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C225 HP-HLMP-C225 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
HLMP-C225-O0000 HP-HLMP-C225-O0000 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
More results

Similar Description - HLMP-C225

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com