Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-M75L Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M75L
Description  Single-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M75L Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-M75L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
–55
+125
°C
Ambient Operating Temperature
TA
–40
+105
°C
Supply Voltages
VDD
0
6.0
Volts
Output Voltage
VO
–0.5
VDD +0.5
Volts
Average Forward Input Current
IF
-
10.0
mA
Average Output Current
Io
-
10.0
mA
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Solder Reflow Temperature Profile Section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Ambient Operating Temperature
TA
–40
+105
°C
Supply Voltages
VDD
4.5
5.5
V
3.0
3.6
V
Input Current (ON)
IF
48
mA
Forward Input Voltage (OFF)
VF(OFF)
0
0.8
V
Supply Voltage Slew Rate[1]
SR
0.5
500
V/ms
Electrical Specifications
Over recommended temperature (TA = –40°C to +105°C), 3.0V ≤ VDD ≤ 3.6V and 4.5 V ≤ VDD ≤ 5.5 V.
All typical specifications are at TA=+25°C, VDD= +3.3V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Forward Voltage
VF
1.3
1.5
1.8
V
IF = 6mA
Input Reverse
Breakdown Voltage
BVR
5.0
V
IR = 10 μA
Logic High Output Voltage
VOH
VDD -1
VDD -0.3
V
IF = 0, IO = -4 mA, VDD=3.3V
VDD -1
VDD -0.2
V
IF = 0, IO = -4 mA, VDD=5V
Logic Low Output Voltage
VOL
0.2
0.8
V
IF = 6mA, IO = 4mA, VDD=3.3V
0.35
0.8
V
IF = 6mA, IO = 4mA, VDD=5V
Input Threshold Current
ITH
1
3
mA
IOL = 20 μA
Logic Low Output Supply
Current
IDDL
4.5
6.5
mA
IF = 6 mA
Logic High Output Supply
Current
IDDH
4
6
mA
IF = 0


Similar Part No. - ACPL-M75L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M71T AVAGO-ACPL-M71T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
ACPL-M71T AVAGO-ACPL-M71T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
logo
Broadcom Corporation.
ACPL-M71T-000E BOARDCOM-ACPL-M71T-000E Datasheet
371Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualification
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M71U AVAGO-ACPL-M71U Datasheet
103Kb / 11P
   Industrial CANBus communications interface
ACPL-M72T AVAGO-ACPL-M72T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
More results

Similar Description - ACPL-M75L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W70L-000E AVAGO-ACPL-W70L-000E Datasheet
357Kb / 14P
   Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
ACPL-071L AVAGO-ACPL-071L Datasheet
540Kb / 12P
   Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
logo
Broadcom Corporation.
ACPL-W70L-000E BOARDCOM-ACPL-W70L-000E Datasheet
815Kb / 16P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler with Glitch-Free Power-Up Feature
ACPL-071L BOARDCOM-ACPL-071L Datasheet
600Kb / 11P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K73L-060E AVAGO-ACPL-K73L-060E Datasheet
370Kb / 14P
   Single-channel and Dual-channel High Speed 15 MBd
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-074L-000E AVAGO-ACPL-074L-000E Datasheet
259Kb / 1P
   Single-channel and Dual-channel High Speed 15 MBd
logo
Vishay Siliconix
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com